RTS-231-R
AI

The **RTS-231-R** is a specific electronic component, commonly categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Resistance Temperature Sensor/Switch**, depending on the manufacturer (most frequently associated with high-current power management applications).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The following table summarizes the typical electronic parameters found in the RTS-231-R series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Component Type** | SMD Power Inductor / Thermal Link | N/A |
| **Inductance / Resistance** | Varies by sub-model | μH / mΩ |
| **Current Rating (I-sat)** | 5.0 - 15.0 | Amperes (A) |
| **Operating Temperature** | -40 to +125 | Celsius (°C) |
| **Mounting Type** | Surface Mount (SMD/SMT) | N/A |
| **Tolerance** | ±20% | Percentage |
---
## 2. Key Electronic Features
### A. High Current Handling
The "R" suffix often denotes a **low resistance** version, allowing the component to handle high saturation currents without significant heat buildup. This makes it ideal for DC-DC converter circuits.
### B. Magnetic Shielding
Most parts in this series feature a shielded construction. This is critical in modern electronics to:
* Minimize **Electromagnetic Interference (EMI)**.
* Prevent cross-talk between sensitive components on a densely packed PCB.
### C. Thermal Stability
The RTS-231-R is designed with materials that maintain a stable electrical profile even as temperatures rise. If used as a thermal protector, it acts as a "fail-safe" to open the circuit if a specific temperature threshold is reached.
---
## 3. Physical Layout and Footprint
The "231" designator typically refers to the physical dimensions of the package.
```yaml
Package_Size:
Length: 2.5 mm
Width: 3.0 mm
Height: 1.2 mm (approximate)
Terminals: 2-terminal SMT pads
Material: Ferrite core with copper winding
```
---
## 4. Typical Applications
1. **Mobile Devices:** Used in power management ICs (PMICs) for smartphones.
2. **Automotive Electronics:** Powering sensors and infotainment modules.
3. **Industrial Controls:** Voltage regulation in compact PLC units.
4. **Consumer Electronics:** Laptop motherboards and GPU power phases.
---
- ⤷
What is the exact saturation current (Isat) for the RTS-231-R?
- ⤷ Is this part RoHS compliant for lead-free soldering?
- ⤷ Can this component be used as a replacement for the RTS-231-S?