AI

The **RPL-08-R-T** is a high-performance, ultra-compact DC-DC converter module manufactured by **RECOM Power**. It belongs to the RPL series, which is known for its high power density and integrated inductor technology.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the RPL-08-R-T:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Step-Down (Buck) Regulator |
| **Input Voltage Range** | 2.75V to 17V |
| **Output Voltage Range** | 0.6V to 5.5V (Adjustable) |
| **Max Output Current** | 8 Amperes |
| **Efficiency** | Up to 94% |
| **Switching Frequency** | Adjustable (Typically 600kHz to 2MHz) |
| **Package** | LGA (Land Grid Array) |
| **Dimensions** | 7.0 x 7.0 x 4.4 mm |
---
### 2. Core Functional Features
The RPL-08-R-T is designed to simplify the power stage of a PCB by integrating several discrete components into a single module.
* **Integrated Inductor:** Unlike standard switching regulators that require an external power inductor, the RPL-08-R-T has the inductor built-in. This reduces EMI (Electromagnetic Interference) and saves significant board space.
* **Adjustable Output:** The output voltage is set via an external resistor divider, providing flexibility for various logic rails (1.2V, 1.8V, 3.3V, etc.).
* **Protection Circuitry:** It includes comprehensive safety features:
* **OCP:** Over-Current Protection.
* **OTP:** Over-Temperature Protection.
* **SCP:** Short-Circuit Protection.
* **UVLO:** Under-Voltage Lockout.
* **Control Pins:**
* **Enable (EN):** Allows the module to be turned on or off remotely.
* **Power Good (PG):** An open-drain output that signals when the output voltage is within the regulated window.
---
### 3. Application Use Cases
Due to its 8A current rating and tiny footprint, this part is ideal for:
* **FPGA & DSP Power:** Providing high-current, low-voltage cores for processors.
* **Industrial Automation:** Point-of-Load (PoL) regulation in compact PLC modules.
* **Telecom Equipment:** High-density networking gear where airflow and space are limited.
* **Distributed Power Architectures:** Converting 12V bus voltages down to logic levels.
---
### 4. Thermal Management Note
While the module is highly efficient, delivering 8A from a 7x7mm package generates concentrated heat. Designers should ensure:
1. **Sufficient Copper Pour:** Use multiple thermal vias to connect the GND pads to internal PCB ground planes.
2. **Airflow:** In high-ambient temperature environments, forced air cooling may be required to maintain the 8A rating without thermal throttling.
- ⤷How does the efficiency of the RPL-08 change when converting from 12V to 1.2V?
- ⤷ What are the recommended external capacitor values for this module?
- ⤷ Can multiple RPL-08-R-T modules be used in parallel for higher current?