Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • RLW2012-F-R020J

  • AI
    The **RLW2012-F-R020J** is a specialized surface-mount (SMD) resistor designed primarily for current sensing applications. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Component Breakdown The part number follows a specific nomenclature used by manufacturers (typically Susumu or similar precision component makers): | Part Segment | Meaning | Specification | |:---|:---|:---| | **RLW** | Series Code | Low resistance, wide terminal resistor | | **2012** | Package Size | Metric 2012 (Imperial 0805) | | **F** | Tolerance | ±1.0% | | **R020** | Resistance Value | 0.020 $\Omega$ (20 m$\Omega$) | | **J** | Packaging | Tape & Reel (Standard) | --- ### 2. Key Technical Specifications This component is distinct because of its **Wide Terminal** construction, which significantly improves heat dissipation and power ratings compared to standard 0805 resistors. | Parameter | Value | |:---|:---| | **Resistance** | 20 m$\Omega$ (0.020 Ohms) | | **Power Rating** | Typically 0.5W to 0.75W (Higher than standard 0805) | | **Tolerance** | ±1% | | **Temperature Coefficient (TCR)** | Often ±100 ppm/°C or better | | **Operating Temperature** | -55°C to +155°C | --- ### 3. Structural Advantages (Wide Terminal) The "Wide Terminal" design means the electrodes are placed on the **long sides** of the rectangular body rather than the short ends. * **Thermal Management:** The larger contact area between the solder and the PCB trace allows heat to escape more efficiently. * **Reduced Parasitic Inductance:** Shortening the distance between terminals reduces the internal inductance, making it better for high-frequency switching. * **Higher Power Density:** It can handle more wattage in a smaller footprint (0805) than a traditional 0805 resistor. --- ### 4. Common Applications Because of its very low resistance (20m$\Omega$), this part is used as a **Shunt Resistor** for: 1. **Current Sensing:** Measuring current flow by monitoring the voltage drop across the resistor ($V = I \times R$). 2. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in portable electronics. 3. **DC-DC Converters:** Providing feedback loops for power supply regulation. 4. **Motor Control:** Detecting overcurrent conditions to protect circuits.
    ✨ Follow-up Questions
    • ⤷ How does the wide terminal design compare to standard terminal resistors in terms of PCB layout?
    • ⤷ What is the maximum current this 20m\u03a9 resistor can handle at 0.75W?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the RLW series?