Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • RFV-200F-R

  • AI
    The **RFV-200F-R** is a high-performance **Fast Recovery Diode (FRD)** manufactured by ROHM Semiconductor. It is primarily used in power conversion circuits where high speed and high voltage handling are critical. --- ## 1. Core Technical Specifications The following table summarizes the primary electronic characteristics of the RFV-200F-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RM}$ | 600 | Volts (V) | | **Average Rectified Forward Current** | $I_o$ | 20 | Amperes (A) | | **Forward Voltage (Max)** | $V_F$ | 1.45 | Volts (V) | | **Reverse Recovery Time (Typ)** | $t_{rr}$ | 30 | Nanoseconds (ns) | | **Operating Junction Temperature** | $T_j$ | 150 | Celsius (°C) | | **Package Type** | - | TO-220NFM | - | --- ## 2. Key Electronic Features ### A. Ultra-Fast Recovery Time ($t_{rr}$) The "Fast Recovery" designation refers to the diode's ability to switch from a conducting state to a blocking state very quickly (approx. 30ns). This reduces switching losses, which is essential for high-frequency applications. ### B. Soft Recovery Characteristics The device is designed for "soft" recovery, which minimizes high-frequency noise (EMI) and voltage spikes during the switching process. This reduces the need for heavy filtering components. ### C. Low Forward Voltage ($V_F$) Despite being a high-voltage part, it maintains a relatively low $V_F$. This ensures lower power dissipation during the conduction phase, improving overall system efficiency. --- ## 3. Circuit Applications The RFV-200F-R is typically integrated into the following electronic systems: 1. **PFC (Power Factor Correction):** Used in continuous conduction mode (CCM) PFC circuits to improve the efficiency of power supplies. 2. **Switching Mode Power Supplies (SMPS):** Acts as an output rectifier or a freewheeling diode. 3. **Inverters:** Used in motor drives and solar inverters to handle inductive loads. 4. **DC/DC Converters:** High-speed rectification in automotive and industrial equipment. --- ## 4. Package Structure (TO-220NFM) The **TO-220NFM** is a "Full Mold" package. This means the metal tab is insulated with plastic, allowing the component to be mounted directly to a heatsink without requiring an additional insulating sheet (mica or silicone pad), which simplifies mechanical assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RFV-200F-R and a standard Schottky diode?
    • ⤷ How does the 'Full Mold' package impact thermal management compared to a standard TO-220?
    • ⤷ Can this diode be used in automotive-grade (AEC-Q101) applications?