Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • REBS-AF-R

  • AI
    The **REBS-AF-R** typically refers to a specific configuration of a **Remote Electronic Braking System (REBS)**, often utilized in specialized industrial, automotive, or towed-vehicle applications. It is designed to actuate braking mechanisms electronically rather than through purely mechanical or hydraulic links. Below is an explanation of the core electronic components and their functions within this system. --- ### 1. Main Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **Electronic Control Unit (ECU)** | Processing Hub | The "brain" that receives signals from the tow vehicle and calculates the required braking force. | | **Inertia Sensor (Accelerometer)** | Force Detection | Detects the deceleration rate of the lead vehicle to provide proportional braking. | | **Actuator Motor** | Mechanical Output | A high-torque DC motor that physically pulls the brake cable or pushes the master cylinder. | | **Pulse Width Modulation (PWM) Controller** | Power Management | Regulates the voltage sent to the motor to control the speed and intensity of the brake application. | | **Backup Battery / Capacitor** | Safety Power | Ensures the system can engage the brakes in a "breakaway" scenario if the main power is lost. | --- ### 2. Operational Circuitry The REBS-AF-R operates on a closed-loop electronic system. Here is the typical flow of electronic data: 1. **Input Signal:** The system monitors the brake light circuit or a dedicated data link (CAN bus) from the controller. 2. **Logic Processing:** The ECU compares the input signal with the internal **Inertia Sensor**. If the car slows down rapidly, the ECU increases the duty cycle of the PWM signal. 3. **Execution:** The **H-Bridge circuit** (a type of electronic motor driver) reverses polarity if necessary to retract the brake once the stop is complete. 4. **Feedback Loop:** A **Potentiometer** or **Hall Effect Sensor** attached to the actuator provides feedback to the ECU to confirm the physical position of the brakes. --- ### 3. Key Electronic Specifications While specific values depend on the manufacturer (such as Roadmaster or similar brands), these systems generally follow these electrical standards: * **Operating Voltage:** 12V DC (Standard automotive logic). * **Current Draw:** 5A to 15A during peak actuation. * **Communication Protocol:** Discrete analog signals (0-12V) or PWM. * **Protection Rating:** Usually IP67 (Water and dust resistant) for the external actuator components. --- ### 4. Safety Features (Electronic) * **Breakaway Switch:** A physical pin that, when pulled, completes a circuit directly from the backup battery to the actuator for emergency stopping. * **Thermal Protection:** Sensors on the PCB (Printed Circuit Board) that shut down the motor if it overshoots a safe operating temperature to prevent fire. * **Low Battery Alert:** An LED or audible alarm triggered when the supply voltage drops below ~10.5V.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the REBS-AF-R wiring harness?
    • ⤷ How does the breakaway circuit bypass the ECU in an emergency?
    • ⤷ What are the common failure codes associated with the REBS-AF-R control module?