Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • REBS-5B-R

  • AI
    The **REBS-5B-R** is a specific electronic component typically categorized as a **Safety Relay Unit** or a **Safety Controller Module**, often associated with industrial automation and emergency stop systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The REBS series is designed to monitor safety devices (like E-stop buttons or light curtains) and provide a redundant, fail-safe disconnect for machinery. | Feature | Description | | :--- | :--- | | **Component Type** | Safety Relay / Control Unit | | **Input Channels** | Dual-channel monitoring (Safety Category 4 / PLe) | | **Output Contacts** | Electromechanical Force-guided relays | | **Housing** | DIN-rail mountable (Standard 22.5mm - 45mm width) | | **Reset Mode** | Manual/Auto selectable | --- ### 2. Core Electronic Components The internal architecture of the REBS-5B-R consists of several critical layers: #### A. Power Supply & Filtering * **Voltage Regulation:** Converts standard industrial 24V DC/AC to internal logic levels. * **Protection Circuitry:** Includes Varistors (MOVs) to protect against voltage spikes and TVS diodes for ESD protection. #### B. Logic & Monitoring * **Redundant Microcontrollers:** Often utilizes two independent circuits that cross-check each other. If one fails or detects a discrepancy between input channels, the system enters a "Safe State" (de-energizes). * **Feedback Loop (EDM):** Electronic inputs dedicated to monitoring the status of external contactors. #### C. Output Switching * **Force-Guided Relays:** These are the primary "moving parts." If a contact welds shut, the mechanical link ensures the other contact cannot close, preventing a dangerous failure. * **Snubber Circuits:** RC networks across the relay contacts to suppress arcing and extend the mechanical life of the relay. --- ### 3. Connection Interface Typical terminal designations for this module include: | Terminal | Function | Description | | :--- | :--- | :--- | | **A1 / A2** | Power Input | Usually +24VDC and 0V. | | **S11, S12, S21, S22** | Safety Inputs | Dual loops for E-stop or Door Switch contacts. | | **13-14 / 23-24** | NO Contacts | Safety outputs that close when the system is healthy. | | **X1 / X2** | Feedback / Reset | Connection for the start button or monitoring external relays. | --- ### 4. Safety Ratings As an electronic safety device, it is built to comply with specific international standards: * **ISO 13849-1:** Performance Level (PLe). * **IEC 61508:** Safety Integrity Level (SIL 3). * **Category 4:** High resistance to faults; a single fault does not lead to the loss of the safety function. --- ### 5. Application Circuit Example (Conceptual) ```mermaid graph LR Power[24V DC] --> A1 EStop[E-Stop Button] --> S11/S12 EStop --> S21/S22 Logic[REBS-5B-R Internal Logic] --> Relays Relays --> Out[Machine Motor Contactor] ```
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between Manual and Auto Reset modes on this unit?
    • ⤷ How do you troubleshoot a 'Feedback Loop' error on the REBS-5B-R?
    • ⤷ What is the maximum switching current allowed for the output contacts?