Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • REBS-32-R

  • AI
    The **REBS-32-R** is an electronic module typically associated with industrial automation, specifically within the category of **Relay Board Modules** or **Energy Management Systems**. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Component Breakdown | Component Type | Description | Function | | :--- | :--- | :--- | | **Relay Units** | Electromechanical switches | Provides isolation and switching for high-power loads using low-power signals. | | **Terminal Blocks** | Screw or push-in connectors | Secure physical interface for wiring inputs and outputs. | | **LED Indicators** | Status light-emitting diodes | Visual feedback for channel activation and power status. | | **Flyback Diodes** | Protection diodes | Protects the driving circuit from voltage spikes when the relay coil de-energizes. | | **Mounting Rail** | DIN-Rail compatible base | Standardized industrial mounting mechanism. | --- ## 2. Technical Specifications The "32" in the model name typically signifies a **32-channel** configuration, making it a high-density switching solution. ### Electrical Characteristics * **Input Voltage (Coil):** Usually 24V DC (standard for PLC outputs). * **Contact Rating:** Typically rated for 5A to 10A at 250V AC or 30V DC. * **Response Time:** 5ms to 15ms for activation/deactivation. * **Configuration:** Usually SPDT (Single Pole Double Throw) or SPST (Single Pole Single Throw) per channel. ### Physical Characteristics * **Interface:** Often includes a flat ribbon cable connector (IDC) for quick connection to a PLC or microcontroller. * **Isolation:** Opto-isolation is commonly integrated to separate control logic from the load power. --- ## 3. Key Electronic Features ### Protective Circuitry Most REBS series boards include **Varistors** or **Snubber circuits** to prevent electromagnetic interference (EMI) and ensure the longevity of the relay contacts when switching inductive loads (like motors or solenoids). ### Redundancy and Safety The "-R" suffix often denotes **Redundancy** or **Reverse-polarity protection**, ensuring that the board is not damaged if the power supply leads are swapped during installation. ### Wiring Efficiency By using a 32-channel board, engineers reduce the footprint of the control cabinet. Instead of wiring 32 individual relays, a single header cable connects the module to the Controller (PLC). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the IDC connector on the REBS-32-R?
    • ⤷ Can this module be used with AC input control signals instead of DC?
    • ⤷ What is the maximum current capacity per channel for inductive loads?