Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • R80NECT1-R/Q

  • AI
    The **R80NECT1-R** and **R80NECT1-Q** are high-performance N-Channel Power MOSFETs manufactured by **ROHM Semiconductor**. These parts are designed primarily for high-speed switching applications and power management systems. --- ### 1. Technical Specifications The "R" and "Q" suffixes typically denote different packaging styles or specific testing grades, but the core electrical characteristics remain consistent. | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 800V | Maximum voltage the device can handle. | | **Continuous Drain Current ($I_D$)** | ~11A - 15A | Depends on thermal dissipation and case temperature. | | **Static On-State Resistance ($R_{DS(on)}$)** | ~0.75Ω | Resistance when the gate is fully turned on. | | **Gate-Source Voltage ($V_{GSS}$)** | ±30V | Range of voltage allowed at the gate. | | **Package Types** | TO-220FP / TO-263 | Through-hole and Surface Mount variants. | --- ### 2. Key Electronic Features * **Low On-Resistance:** Optimized to reduce conduction losses, improving overall system efficiency. * **Fast Switching Speed:** Designed for high-frequency operation, reducing switching losses. * **High Robustness:** These MOSFETs are often designed to handle high avalanche energy ($E_{AS}$), making them resilient against voltage spikes. * **Gate Drive Compatibility:** Can be driven by standard PWM controllers and gate driver ICs. --- ### 3. Application Areas These components are widely used in industrial and consumer power electronics: * **Switching Mode Power Supplies (SMPS):** Used in the primary side of AC/DC converters. * **Uninterruptible Power Supplies (UPS):** For power inversion and regulation. * **Motor Drivers:** High-voltage DC motor control. * **LED Lighting:** Constant current drivers for high-power LED arrays. * **Adapter/Chargers:** Used in high-wattage power bricks for laptops and industrial equipment. --- ### 4. Comparison: R-Suffix vs. Q-Suffix While the electrical silicon die is the same, the differences usually lie in physical logistics: 1. **Packaging:** One might be in a **TO-220** (Through-hole) while the other is in a **D2PAK/TO-263** (Surface mount). 2. **Taping/Reel:** The "R" or "Q" suffix often indicates the orientation of the part in the carrier tape for automated assembly. 3. **Automotive Grade:** Check the datasheet to see if the "Q" refers to AEC-Q101 qualification (though usually, ROHM uses a different prefix for automotive).
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for the R80NECT1-R in high-load scenarios?
    • ⤷ How does the switching speed of this MOSFET compare to Gallium Nitride (GaN) alternatives?
    • ⤷ What are the pinout configurations for the TO-220 versus the TO-263 versions?