Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • R5356-R

  • AI
    The code **R5356-R** typically refers to a high-speed, 4-channel image sensor interface IC, specifically a **LVDS (Low Voltage Differential Signaling) Deserializer**. These components are frequently used in automotive and industrial imaging systems to convert serial data from cameras into parallel data for processors. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics associated with this class of electronic parts: | Feature | Description | | :--- | :--- | | **Type** | LVDS Deserializer / Interface IC | | **Channels** | 4-Channel Serial Input | | **Data Rate** | Typically supports up to 1.6 Gbps per channel | | **Interface** | Serial (LVDS) to Parallel (CMOS/TTL) | | **Voltage Supply** | 1.8V to 3.3V (varies by sub-model) | | **Package** | Usually QFN (Quad Flat No-lead) or TQFP | --- ### 2. Functional Role in a Circuit In an electronic system, the R5356-R acts as a bridge. Its primary roles include: * **De-serialization:** It takes high-speed serial bitstreams (often from a remote camera) and converts them into a wider parallel bus that a Microcontroller (MCU) or FPGA can process. * **Clock Recovery:** It extracts the timing signal from the data stream to ensure synchronous data transfer. * **Signal Integrity:** It includes built-in equalization to compensate for signal loss over long cables (e.g., automotive camera cables). ### 3. Application Use-Cases * **Automotive ADAS:** Connecting Rear-View or Surround-View cameras to the central head unit. * **Industrial Vision:** High-speed data transmission in automated inspection lines. * **Medical Imaging:** Transferring high-resolution sensor data in space-constrained environments. --- ### 4. Example Connection Logic Below is a simplified representation of how the component interacts within a system: ```mermaid graph LR A[Image Sensor] -- Serial LVDS --> B(R5356-R Deserializer) B -- Parallel Data --> C[System on Chip / FPGA] B -- I2C/Control --> C ```
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the R5356-R package?
    • ⤷ Is this part compatible with GMSL or FPD-Link protocols?
    • ⤷ What are the common alternatives to the R5356-R for automotive imaging?