Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • R27-R5F

  • AI
    Based on the nomenclature provided, **R27-R5F** typically refers to a component reference or a specific industrial part number, most commonly associated with **industrial automation (specifically Renesas microcontrollers or relay modules)**. Below is a breakdown of the electronic specifications and characteristics associated with this part designation. --- ### 1. Component Overview In most schematics, this specific identifier refers to a **Renesas RL78/G13 series Microcontroller (MCU)** or a specific **Relay Control Board** configuration. | Feature | Specification | | :--- | :--- | | **Component Type** | Microcontroller (MCU) or Relay Module | | **Manufacturer** | Commonly Renesas Electronics (MCU) or IDEC/Omron (Relay) | | **Architecture** | 16-bit CISC (if MCU) | | **Voltage Range** | 1.6V to 5.5V | | **Package Type** | LQFP (Low-profile Quad Flat Package) | --- ### 2. Key Electronic Characteristics If the part is the **R5F** series (Renesas RL78), the electronic behavior is defined by its power efficiency and peripheral integration: #### A. Power Management * **Low Power Consumption:** Designed for battery-operated devices with multiple "stop" and "snooze" modes. * **Operating Current:** As low as 66 $\mu$A/MHz. #### B. Peripheral Support * **ADC:** Integrated 10-bit Analog-to-Digital converters. * **Timers:** Multiple 16-bit timers for PWM (Pulse Width Modulation) control. * **Communication:** Supports I2C, SPI, and UART protocols. #### C. Safety & Reliability * Includes hardware CRC (Cyclic Redundancy Check) functions to detect memory corruption. * RAM parity error detection and illegal memory access detection. --- ### 3. Common Pin Configuration (General R5F Series) While exact pins vary by the specific number of pins (30, 44, or 64), the typical layout follows this logic: | Pin Type | Description | | :--- | :--- | | **VSS / VDD** | Power supply and Ground (1.8V - 5.5V). | | **RESET** | Active-low system reset. | | **P00 - Pxx** | General-purpose Input/Output (GPIO) pins. | | **TOOL0** | Dedicated pin for debugging and flash programming. | | **ANIx** | Analog input pins for sensor data. | --- ### 4. Implementation Example Here is a basic C code structure for initializing a GPIO pin on a Renesas R5F-based component: ```c #include "iodefine.h" void main(void) { /* Set Port 1, Pin 0 as Output */ PM1 &= 0xFE; // Set PM10 bit to 0 (Output mode) while(1) { P1 ^= 0x01; // Toggle Pin 1.0 (Blink LED) delay(1000); } } ``` --- ### 5. Troubleshooting Tips 1. **Voltage Check:** Ensure the logic level matches the R5F specifications (typically 3.3V or 5V). Applying 12V directly to R5F pins will destroy the silicon. 2. **Clock Stability:** If using an external crystal, ensure the capacitors (C1, C2) match the crystal’s load capacitance. 3. **Bypass Capacitors:** Place a 0.1$\mu$F ceramic capacitor as close to the VDD/VSS pins as possible to filter high-frequency noise.
    ✨ Follow-up Questions
    • ⤷What is the specific bit-width and memory capacity of the R5F series?
    • ⤷ How do I program the R5F microcontroller using a Renesas E2 emulator?
    • ⤷ What are the primary differences between the RL78 and RX series from Renesas?