Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PZ2012U

  • AI
    ## Technical Overview of PZ2012U Series The **PZ2012U** series refers to a specific type of **Chip Ferrite Bead** manufactured by companies like Taiyo Yuden. These are passive components used primarily for noise suppression (EMI filtering) in electronic circuits. The "2012" designation refers to its physical package size in metric units. --- ### 1. Key Technical Specifications The PZ2012U is designed to handle relatively high currents compared to standard signal beads, making it ideal for power line filtering. | Parameter | Value / Description | | :--- | :--- | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Inch)** | 0805 (0.08" x 0.05") | | **Component Type** | Multilayer Chip Ferrite Bead | | **Impedance Range** | Typically 30Ω to 600Ω (at 100 MHz) | | **Rated Current** | High (Up to 1.5A - 6A depending on specific model) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Physical Structure and Mechanism The part is constructed using a **Multilayer Internal Structure**. Unlike a standard inductor that stores energy in a magnetic field, a ferrite bead acts like a **frequency-dependent resistor**. * **Low Frequencies:** It acts as a low-resistance conductor (DCR is very low), allowing DC and low-frequency signals to pass. * **High Frequencies:** It introduces high impedance, converting high-frequency noise (EMI) into a small amount of heat through magnetic loss. --- ### 3. Part Number Decoding (Example: PZ2012U121-2R5T) | Segment | Meaning | | :--- | :--- | | **PZ** | High-current Ferrite Bead Series | | **2012** | Dimensions (2.0mm x 1.25mm) | | **U** | Material characteristic (Frequency response curve) | | **121** | Nominal Impedance (12 + one zero = 120Ω) | | **2R5** | Rated Current (2.5 Amperes) | | **T** | Packaging Type (Taped and Reeled) | --- ### 4. Common Applications Because the PZ2012U series is optimized for high-current power lines, it is frequently found in: * **Power Supply Lines:** Filtering switching noise from DC-DC converters. * **Battery Management:** Reducing interference in portable devices. * **Digital Interfaces:** Suppressing high-speed clock noise in PCs and tablets. * **Peripheral Ports:** USB and HDMI power pins to prevent radiated emissions. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'U' and 'D' material types in PZ series beads?
    • ⤷ How do I calculate the voltage drop across a PZ2012U bead at max current?
    • ⤷ What are the soldering layout recommendations for 0805 ferrite beads?