Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PZ2012E121-R60TF

  • AI
    The **PZ2012E121-R60TF** is a high-performance **Chip Bead** (Ferrite Bead) manufactured by Taiyo Yuden. It is specifically designed for noise suppression in power supply circuits. --- ### 1. Key Technical Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Impedance** | 120 $\Omega$ | Measured at 100 MHz | | **DC Resistance (max)** | 0.15 $\Omega$ | Power loss indicator | | **Rated Current** | 600 mA (0.6A) | Maximum continuous current | | **Case Size (EIA)** | 0805 | Metric: 2012 (2.0 x 1.25 mm) | | **Operating Temp** | -55°C to +125°C | Industrial/Automotive grade range | | **Tolerance** | ±25% | Standard impedance variance | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying its characteristics: * **PZ**: Series Name (High-current Chip Bead). * **2012**: External Dimensions (2.0mm length x 1.25mm width). * **E**: Material Code (Frequency characteristics). * **121**: Nominal Impedance ($12 \times 10^1 = 120 \Omega$). * **R60**: Rated Current ($R60 = 0.60A$). * **T**: Packaging (Taping/Reel). * **F**: Lead-free / RoHS Compliant. --- ### 3. Functional Role Unlike a standard inductor which stores energy, a ferrite bead like the **PZ2012E121-R60TF** acts as a **frequency-dependent resistor**. 1. **Low Frequencies:** It acts as a low-resistance conductor, allowing DC and low-frequency signals to pass with minimal loss. 2. **High Frequencies:** It introduces high impedance (resistance), converting high-frequency Electromagnetic Interference (EMI) into negligible heat. ### 4. Typical Applications * **Power Supply Lines:** Filtering noise in DC-DC converters and LDO regulators. * **Consumer Electronics:** Used in smartphones, tablets, and laptops to prevent high-frequency "noise" from affecting sensitive components. * **Communication Equipment:** Suppression of differential mode noise in USB, HDMI, and peripheral interfaces. --- ### 5. Selection Considerations * **Saturation Current:** Ensure the circuit's peak current does not exceed **600mA**. High DC current can saturate the ferrite core, significantly reducing its noise-filtering impedance. * **Frequency Range:** This bead is optimized for EMI suppression in the 100 MHz to 500 MHz range.
    ✨ Follow-up Questions
    • ⤷How does the impedance change if the operating current exceeds 600mA?
    • ⤷ What is the difference between the PZ and FB series in Taiyo Yuden beads?
    • ⤷ Can this part be used in high-speed data lines or is it strictly for power?