Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PWR12FPC1O2201

  • AI
    The part number **PWR12FPC102201** corresponds to a high-power, thick-film resistor typically manufactured by brands like **Bourns**. It is designed for high-density power applications where space and heat dissipation are critical. ### Technical Specifications Breakdown The part number is an alphanumeric code representing specific electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | PWR12 | Refers to the physical package and power rating (typically TO-220). | | **Material** | FPC | Thick film on an alumina ceramic substrate. | | **Resistance** | 2201 | Represents 2.2k Ohms (220 followed by 1 zero). | | **Power Rating** | 20W - 30W | Depending on the specific heatsink attachment. | | **Tolerance** | 1% to 5% | Standard precision for power resistors. | | **Mounting** | Through-hole | Designed for TO-220 style mounting. | --- ### Core Electronic Components & Construction 1. **Thick Film Element:** The resistive material is a paste screen-printed onto a ceramic substrate. This allows for high power density and stability. 2. **Ceramic Substrate (Alumina):** Provides excellent electrical insulation while facilitating thermal conductivity to the metal tab. 3. **Lead Frame:** Standard TO-220 leads that are solderable to a PCB. 4. **Epoxy Molding:** The outer casing protects the resistive element from environmental factors like moisture and dust. ### Performance Characteristics * **Heat Dissipation:** These parts are designed to be mounted to an external **heatsink**. Without a heatsink, their power rating drops significantly (often to 2.25W). * **Low Inductance:** Because it is a thick-film resistor (rather than wirewound), it has very low inductance, making it suitable for high-frequency switching power supplies. * **Pulse Handling:** Excellent capability to handle short-term energy surges. --- ### Common Applications These resistors are frequently used in: * **Power Supplies:** As dummy loads or snubber circuits. * **Motor Drives:** For current sensing or braking. * **Test Equipment:** In precision measurement circuits. * **Inverters:** For solar or industrial power conversion. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the PWR12 series?
    • ⤷ How does the power rating change if no heatsink is used?
    • ⤷ What are the standard tolerance options for Bourns PWR resistors?