Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PM20-R010M

  • AI
    ## Overview of PM20-R010M The **PM20-R010M** is a high-precision, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF (Radio Frequency) circuits, telecommunications, and high-frequency electronic modules where stability and a high quality factor (Q) are required. --- ### Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.010 µH (10 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 1210 (EIA) / 3225 (Metric) | | **Core Material** | Non-magnetic (Phenolic/Ceramic) | | **Maximum DC Current (Idc)** | ~450 mA | | **DC Resistance (DCR)** | 0.13 Ω (Maximum) | | **Self-Resonant Frequency (SRF)** | 2500 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### Component Breakdown #### 1. Part Number Deciphering * **PM20:** Refers to the series (typically Bourns or similar manufacturers), indicating the 1210 package size and wire-wound construction. * **R010:** Represents the inductance value. "R" acts as a decimal point in microhenries. `R010` = 0.010 µH. * **M:** Represents the tolerance. In the electronics industry, `M` stands for **±20%**. #### 2. Construction and Materials The PM20 series utilizes a **wire-wound** structure. A copper wire is coiled around a ceramic or phenolic core. This design offers significant advantages over multilayer inductors: * **Higher Q Factors:** Lower energy loss at high frequencies. * **Higher Current Handling:** Capable of carrying more current than equivalent multilayer types. * **Better Stability:** Maintains inductance values more effectively across temperature changes. #### 3. Applications Due to its high self-resonant frequency (2500 MHz) and low inductance, it is primarily used in: * **RF Tuning:** Oscillators and signal filters. * **Impedance Matching:** Ensuring maximum power transfer in antenna circuits. * **High-Speed Data Lines:** Filtering noise without degrading signal integrity. --- ### Typical Usage Example (Python Simulation Snippet) If you are calculating the reactance ($X_L$) of this inductor at a specific frequency (e.g., 100 MHz): ```python import math def calculate_reactance(L_uH, freq_hz): # L in Henrys L = L_uH * 1e-6 # XL = 2 * pi * f * L xl = 2 * math.pi * freq_hz * L return xl inductance = 0.010 # 10nH frequency = 100e6 # 100 MHz reactance = calculate_reactance(inductance, frequency) print(f"Reactance at 100MHz: {reactance:.4f} Ohms") ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the PM20 and PM12 series inductors?
    • ⤷ How does the tolerance 'M' compare to 'K' in inductor selection?
    • ⤷ Can this inductor be used in power supply filtering applications?