Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PLL602-38OC-R

  • AI
    ## Overview of the PLL602-38OC-R The **PLL602-38OC-R** is a high-performance, low-power Clock Generator IC manufactured by Microchip Technology (formerly PhaseLink). It is specifically designed to generate high-frequency differential outputs from a standard low-frequency crystal input. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Input Frequency** | 12MHz to 25MHz (Crystal) | | **Output Frequency** | Up to 800MHz | | **Supply Voltage** | 2.5V or 3.3V | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | | **Package Type** | TSSOP-16 | | **Phase Jitter** | < 1ps RMS (typical) | --- ### Core Electronic Components & Functions The internal architecture of the PLL602-38OC-R consists of several critical stages: 1. **Crystal Oscillator Interface:** Designed to work with a fundamental mode parallel resonant crystal. It includes internal load capacitors to minimize external component count. 2. **Phase Locked Loop (PLL):** The heart of the chip. It multiplies the input crystal frequency to a much higher internal frequency using a Voltage Controlled Oscillator (VCO). 3. **Frequency Dividers:** Post-PLL dividers determine the final output frequency based on the specific configuration of the chip's internal logic. 4. **LVPECL Output Driver:** Provides high-speed differential signals. LVPECL is preferred in high-speed applications because of its excellent noise immunity and fast switching speeds. --- ### Application Usage This part is typically found in high-speed networking and communication hardware: * **Ethernet Switches and Routers:** Providing reference clocks for 1G, 10G, and 40G systems. * **Fiber Channel:** Timing for Storage Area Networks (SAN). * **SONET/SDH:** High-precision timing for optical transport networks. --- ### Pin Configuration (Top Level) | Pin Name | Function | | :--- | :--- | | **XIN / XOUT** | Crystal input/output connections. | | **VDD / VSS** | Power supply and ground pins. | | **CLK_OUTP / CLK_OUTN** | Differential LVPECL output pair. | | **OE** | Output Enable; allows the user to disable the output to save power. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the LVPECL output of this chip?
    • ⤷ How does the phase jitter performance of the PLL602-38OC-R compare to CMOS clock generators?
    • ⤷ Can this IC be used with an external reference clock instead of a crystal?