Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PLC-RSC-24UC

  • AI
    The **PLC-RSC-24UC/21** is a specific type of **electromechanical relay interface terminal** manufactured by Phoenix Contact. It is designed to act as an interface between sensitive electronic controllers (like a PLC) and higher-power field loads. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. General Specifications The part number usually refers to a complete module consisting of a **relay base** and a **pluggable miniature relay**. | Feature | Specification | | :--- | :--- | | **Input Voltage ($U_N$)** | 24 V AC/DC | | **Contact Type** | 1 PDT (Single Pole Double Throw / Changeover) | | **Contact Material** | AgSnO (Silver Tin Oxide) | | **Mounting Type** | DIN Rail (NS 35/7,5) | | **Width** | 6.2 mm (Ultra-slim design) | --- ### 2. Input Side (Coil Circuit) The input side is where the PLC sends a signal to trigger the relay. * **Multi-voltage bridge:** The "UC" in the part number indicates it accepts both **Alternating Current (AC)** and **Direct Current (DC)**. * **Protection Circuitry:** * **Bridge Rectifier:** Converts AC input to DC to power the internal coil. * **Polished Diode / Varistor:** Protects against polarity reversal and voltage surges (suppressor). * **Status Indicator:** A yellow LED is integrated into the base to show when the relay is energized. --- ### 3. Output Side (Contact Circuit) The output side handles the actual switching of the load. * **Switching Capacity:** Typically handles up to **6 A** at 250 V AC/DC. * **Galvanic Isolation:** Provides safe electrical separation between the low-voltage control side (PLC) and the high-voltage load side. * **Switching Cycles:** Rated for approximately $1 \times 10^7$ mechanical cycles. --- ### 4. Internal Components Overview The module is composed of two primary sub-parts: 1. **PLC-BSC-24UC/21 (The Base):** * Contains the screw terminal blocks. * Houses the LED and protection circuits. * Features slots for plug-in bridges (to jump common potentials across multiple relays). 2. **REL-MR-24AC/DC/21 (The Relay):** * The pluggable mechanical component that performs the actual physical switching. * Easily replaceable if the contacts wear out without rewiring the base. --- ### 5. Wiring Diagram Logic The terminal numbering typically follows this standard: * **A1 / A2:** Control supply (24V AC/DC). * **11:** Common contact (COM). * **12:** Normally Closed (NC). * **14:** Normally Open (NO). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RSC (Screw) and RPT (Push-in) versions of this relay?
    • ⤷ How does the silver tin oxide (AgSnO) contact material benefit high-inrush loads?
    • ⤷ What are the specific power consumption ratings for the 24UC coil?