Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PL611-30XXXSC-R

  • AI
    ## Overview of PL611-30XXXSC-R The **PL611-30XXXSC-R** belongs to the Microchip (formerly PhaseLink) family of high-performance, low-power programmable clock generators. It is designed to provide a flexible frequency synthesis solution for various consumer and industrial electronics. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology | | **Device Category** | Programmable Clock Generator (PLL) | | **Output Frequency** | Up to 200 MHz | | **Input Frequency** | 10 MHz to 30 MHz (Crystal) / Up to 166 MHz (Reference) | | **Operating Voltage** | 2.25V to 3.63V | | **Output Type** | CMOS | | **Package** | SOP-8 / SOIC-8 (Small Outline IC) | | **Temperature Range** | 0°C to +70°C (Commercial) | --- ### Core Electronic Components & Features 1. **Phase-Locked Loop (PLL):** * The heart of the chip is a low-phase-noise PLL that multiplies or divides the reference input frequency. * It allows for non-standard frequency generation from standard crystals. 2. **Internal Programming (EEPROM/OTP):** * The "XXX" in the part number signifies that this is a factory-programmed version. The specific frequency and configuration are burned into the device based on the customer's request. 3. **Output Enable (OE) Function:** * Most variants include an OE pin to tristate the output, reducing power consumption when the clock signal is not needed. 4. **Low Jitter Architecture:** * Optimized for high-speed data transmission interfaces, ensuring minimal timing deviations. --- ### Pin Configuration (Typical SOIC-8) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | XIN / CLK | Crystal Input or Reference Clock | | 2 | VDD | Power Supply | | 3 | GND | Ground | | 4 | XOUT | Crystal Output (leave open if using external clock) | | 5 | CLKOUT | Programmable Clock Output | | 6 | OE / PDB | Output Enable or Power Down | | 7-8 | NC / Config | No connection or specific configuration pins | --- ### Application Usage * **Networking:** Routers, switches, and modems. * **Storage:** HDD and SSD controllers. * **Consumer:** Set-top boxes, digital cameras, and printers. * **Embedded Systems:** Microcontroller clocking where a specific, non-standard frequency is required.
    ✨ Follow-up Questions
    • ⤷ What do the specific 'XXX' digits represent in the part number?
    • ⤷ How does the 'R' suffix affect the packaging or ordering process?
    • ⤷ What is the difference between this model and the PL611-01 series?