Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PIP3206-R

  • AI
    ## Overview of the PIP3206-R The **PIP3206-R** is a high-performance, N-channel enhancement mode MOSFET designed primarily for load switching and power management applications. It belongs to the **TOPFET** (Temperature and Overload Protected Field-Effect Transistor) family, which integrates several protection features directly into the silicon. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 50 V | | **Continuous Drain Current** | $I_D$ | 16 A | | **Total Power Dissipation** | $P_{tot}$ | 56 W | | **On-State Resistance** | $R_{DS(on)}$ | 50 mΩ (max) | | **Logic Level Input** | $V_{GS}$ | Compatible with 5V CMOS/TTL | --- ### 2. Integrated Protection Features Unlike standard MOSFETs, the PIP3206-R is "intelligent." It includes internal circuitry to protect itself and the load from common electrical failures: * **Over-temperature Protection:** An internal sensor triggers a shutdown if the junction temperature exceeds safe limits ($150^{\circ}C$ to $185^{\circ}C$). * **Overload Protection:** It limits the current during a short-circuit or heavy load condition to prevent the device from burning out. * **Over-voltage Clamping:** The device includes a drain-to-gate clamp to handle inductive energy spikes (flyback) during turn-off. * **ESD Protection:** Built-in protection against Electrostatic Discharge on the gate pin. --- ### 3. Pin Configuration and Functions The PIP3206-R is typically housed in a **SOT404 (D2PAK)** surface-mount package. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Input (Gate)** | Logic level input to turn the switch ON or OFF. | | 2/Tab | **Drain** | The output terminal connected to the load. | | 3 | **Source** | The ground or common terminal. | --- ### 4. Common Applications Due to its ruggedness and integrated protections, it is frequently used in: * **Automotive Systems:** Controlling solenoids, lamps, and small motors. * **Industrial Automation:** Acting as a robust interface between microcontrollers and high-power DC loads. * **Power Distribution:** Serving as a resettable electronic fuse. --- ### 5. Circuit Symbol Logic ```mermaid graph LR Input[Logic Signal] --> Gate((PIP3206-R)) Gate --> Protection[Internal Thermal/Current Sensing] Protection --> Load[Output Load] ```
    ✨ Follow-up Questions
    • ⤷ What is the primary difference between a TOPFET like the PIP3206-R and a standard power MOSFET?
    • ⤷ Can the PIP3206-R be driven directly by a 3.3V microcontroller?
    • ⤷ What is the typical response time for the over-temperature protection circuit?