PIC16C54-RCE/SO
AI

# Technical Overview of PIC16C54-RCE/SO
The **PIC16C54-RCE/SO** is an 8-bit CMOS microcontroller belonging to the legacy PIC16C5x family by Microchip Technology. It is based on a RISC architecture and is known for its simplicity and efficiency in low-cost, high-volume applications.
---
## 1. Key Technical Specifications
The following table highlights the primary electrical and memory characteristics of this specific variant.
| Feature | Specification |
| :--- | :--- |
| **Architecture** | 8-bit RISC |
| **ROM (Program Memory)** | 512 words (EPROM based) |
| **RAM (Data Memory)** | 25 wbytes |
| **Max Clock Frequency** | 4 MHz |
| **Operating Voltage** | 3.0V to 6.25V |
| **I/O Pins** | 12 Pins |
| **Package Type** | SOIC-18 (Small Outline Integrated Circuit) |
| **Temperature Range** | 0°C to +70°C (Commercial) |
---
## 2. Part Number Deciphering
Understanding the suffix is critical for identifying the specific operational constraints of the chip:
* **PIC16C54**: The base model number.
* **RC**: Indicates the Oscillator type (Resistor/Capacitor). This version is optimized for inexpensive RC timing circuits rather than high-precision crystals.
* **E**: Extended Voltage range (often associated with specific speed/power profiles).
* **SO**: Package code for **SOIC** (Surface Mount Device).
---
## 3. Core Electronic Components & Features
### A. Memory Structure
* **EPROM Technology:** The "C" in PIC16C54 indicates CMOS EPROM. In the `/SO` (plastic) package, this is technically **OTP (One-Time Programmable)** because there is no quartz window to erase the memory with UV light.
* **Harvard Architecture:** It uses separate buses for instructions and data, allowing for simultaneous access and faster execution.
### B. Instruction Set
The device operates on a very small, efficient set of **33 instructions**. Most instructions execute in a single cycle (200ns at 20MHz, though this RC variant is slower).
### C. Peripheral Logic
* **8-bit Real-Time Clock/Counter (TMR0):** A hardware timer with an 8-bit programmable prescaler.
* **Watchdog Timer (WDT):** An on-chip RC oscillator that provides a reset if the software freezes, enhancing system reliability.
* **I/O Ports:** High current sourcing/sinking capabilities allow the chip to drive LEDs directly.
### D. Power Management
The device includes a **SLEEP** mode. In this state, the power consumption is extremely low (typically < 3µA at 3V), making it suitable for battery-operated handheld devices.
---
## 4. Typical Application Circuit
When using the "RC" oscillator mode, the circuit requirement is minimal:
```text
VDD
|
[Resistor Rext]
|
OSC1 ---+--- [Capacitor Cext] --- VSS
```
* **OSC1:** Connected to the RC network.
* **OSC2/CLKOUT:** Can be used to output the internal clock divided by 4 to synchronize other logic.
- ⤷
What is the difference between the PIC16C54 and the newer PIC16F54?
- ⤷ Can this microcontroller be reprogrammed after the initial flashing?
- ⤷ What are the specific resistance and capacitance ranges for the RC oscillator?