Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PDU-HM2R-R

  • AI
    The **PDU-HM2R-R** is a high-performance Power Distribution Unit (PDU) component commonly used in data centers and industrial computing. It is designed to manage power delivery to multiple hardware devices while providing monitoring and redundancy features. --- ### 1. Key Electronic Components & Functions The electronic architecture of the PDU-HM2R-R is built around efficiency, power monitoring, and safety. | Component Type | Primary Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic & Control | The "brain" that manages data logging, sensor inputs, and network communication. | | **Circuit Breakers** | Overload Protection | Resettable thermal or magnetic breakers that prevent equipment damage during surges. | | **Current Transformers** | Sensing | High-precision sensors that measure the amperage draw of each individual outlet or phase. | | **Relay Modules** | Switching | High-capacity relays that allow for remote power cycling (on/off) of specific ports. | | **LCD/LED Display** | Local Monitoring | Provides real-time visual feedback on voltage, current (A), and power (kW). | | **Network Interface Card** | Connectivity | Includes an RJ45 port for SNMP, Web, and Telnet management. | --- ### 2. Technical Specifications Below are the typical electronic ratings for this class of PDU: * **Input Voltage:** 100V - 240V AC (Standard Global Range) * **Max Current:** 16A to 32A (depending on the specific sub-model configuration) * **Frequency:** 50/60 Hz * **Form Factor:** 1U or 2U Horizontal Rackmount --- ### 3. Advanced Electronic Features #### A. Power Monitoring (Metering) The electronic circuitry includes an **Energy Metering Chip** capable of calculating: * **Active Power (W):** Actual power used. * **Apparent Power (VA):** Total power supplied. * **Power Factor:** Efficiency of the connected load. #### B. Redundancy and Grounding The unit features a dedicated grounding lug and EMI/RFI filtering components to ensure "clean" power is delivered to sensitive server components, reducing electronic noise that can cause data errors. #### C. Communication Protocols The onboard firmware supports several protocols for remote electronic management: ```json { "protocols": ["SNMP v1/v2c/v3", "HTTP/HTTPS", "Telnet", "SSH", "Modbus-TCP"] } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'HM' designations in this model number?
    • ⤷ Does this PDU support individual outlet switching or only total unit monitoring?
    • ⤷ What are the specific environmental sensor options for the PDU-HM2R-R?