Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PDU-DN2R-R/Q

  • AI
    The **PDU-DN2R-R/Q** is a specialized Power Distribution Unit (PDU) typically used in industrial automation, telecommunications, or server environments. It is designed to take a high-capacity power input and distribute it to multiple outlets while providing protection and monitoring. Below is an explanation of its core electronic components and technical architecture. --- ### 1. Technical Specifications Overview The "DN2R" series usually refers to a **Rack-Mountable** design with specific power handling capabilities. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 100V - 240V AC | | **Current Rating** | 16A to 32A (depending on sub-model) | | **Form Factor** | 1U or 2U Horizontal Rack Mount | | **Outlets** | Combination of IEC C13 / C19 or NEMA sockets | | **Circuit Breaker** | Resettable Thermal Overload Protection | --- ### 2. Core Electronic Components #### A. Input Power Module This is the entry point for the mains electricity. * **EMI/RFI Filtering:** Contains capacitors (X and Y types) and inductors to filter out high-frequency noise from the power line, ensuring "clean" power reaches sensitive server components. * **Terminal Block/Heavy Duty Cord:** A high-gauge copper conductor (usually 12AWG or 10AWG) to handle continuous high current without overheating. #### B. Protection Circuitry * **Thermal Circuit Breaker:** Unlike a standard fuse, the PDU-DN2R uses a resettable breaker. If the connected devices draw more current than the rated capacity, the internal bimetallic strip heats up and trips the switch to prevent fire. * **Surge Protection (MOV):** Metal Oxide Varistors are used to shunt excess voltage (spikes) to the ground, protecting downstream electronics from lightning or grid switching transients. #### C. Distribution Busbar Inside the unit, rather than using thin wires, the PDU uses solid **Copper Busbars**. * **Purpose:** To provide low-resistance paths for electricity. * **Benefit:** Reduces heat generation and ensures consistent voltage across all output sockets. #### D. Monitoring Logic (For 'Q' or 'R' Smart Variants) If the model includes "Q" (Quality monitoring) or "R" (Remote), it contains a control PCB: * **Microcontroller (MCU):** Manages data logging and communication. * **Current Transformers (CTs):** Small ring sensors around the internal wires that measure real-time amperage. * **LED/LCD Display:** A front-panel electronic display that shows Voltage (V), Amperage (A), and Power (kW). --- ### 3. Connection Interface The PDU-DN2R-R/Q facilitates the transition from high-amperage input to lower-amperage output: 1. **Input:** Typically a NEMA L6-30P or IEC 60309 plug. 2. **Output Logic:** Distributes power into "Banks." Each bank is often limited by its own internal 15A or 20A breaker to prevent a single faulty device from taking down the entire PDU. --- ### 4. Safety and Compliance The electronics are housed in a **cold-rolled steel enclosure** which acts as a Faraday cage, reducing electromagnetic interference and providing a robust chassis for grounding. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' designations in this PDU series?
    • ⤷ How do I reset the internal circuit breaker if it trips?
    • ⤷ Does this model support remote IP monitoring via SNMP?