Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PDU-AM3N-R

  • AI
    The **PDU-AM3N-R** is a specific Power Distribution Unit (PDU) component often utilized in telecommunications, industrial networking, and server rack environments. It is designed to manage and distribute electrical power to multiple devices while providing protection and monitoring. --- ### 1. Key Electronic Components and Features The internal circuitry of a PDU-AM3N-R generally consists of the following electronic subsystems: | Component Type | Description | Function | | :--- | :--- | :--- | | **Circuit Breakers** | Resettable thermal or magnetic switches. | Protects the unit and connected devices from overcurrent and short circuits. | | **Surge Protectors** | Metal Oxide Varistors (MOVs) and gas discharge tubes. | Diverts high-voltage spikes (lightning, grid surges) away from sensitive electronics. | | **Monitoring MCU** | Integrated Microcontroller Unit. | Processes real-time data for voltage, current (Amperage), and power consumption. | | **Digital Display** | LED or LCD segments. | Provides local visual readout of the current load to prevent overloading. | | **Input/Output Pins** | High-grade copper busbars or heavy-gauge wiring. | Ensures low resistance and minimal heat buildup during high-load operations. | --- ### 2. Technical Specifications While specific revisions may vary, the "AM3N" series typically adheres to these electrical parameters: * **Input Voltage:** Usually 110V - 250V AC (Universal or region-specific). * **Current Rating:** Typically 16A to 32A. * **Protection Level:** IP20 (Standard indoor protection). * **Housing:** High-strength aluminum alloy or cold-rolled steel (provides EMI shielding and heat dissipation). --- ### 3. Electronic Safety Mechanism: The "R" Designation The **"R"** in the part number often signifies **Rack-mountable** or **Redundant** features depending on the specific manufacturer (e.g., APC, Eaton, or specialized Chinese industrial brands). #### Core Safety Protocols: 1. **Overload Alarm:** An internal buzzer or flashing LED that triggers when the current exceeds 80% of the rated capacity. 2. **Flame Retardancy:** The internal plastic components (sockets and insulation) are made from VO-grade fire-retardant materials. 3. **Grounding:** A dedicated grounding stud is usually provided on the chassis to bleed off static electricity. --- ### 4. Typical Internal Wiring Layout ```yaml [Input Plug] -> [Circuit Breaker] -> [Surge Protection Circuit] -> [Current Sensor/Shunt] -> [Busbar/Outlets] | [Control Board/Display] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the AM3N and AM4N series?
    • ⤷ Can this PDU be managed remotely via SNMP or IP?
    • ⤷ How do I calculate the maximum load capacity for this specific model?