Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PDU-AA2R-R

  • AI
    The **PDU-AA2R-R** is a specific Power Distribution Unit (PDU) component often utilized in industrial systems, telecommunications, or server environments. Below is a breakdown of its electronic characteristics and technical components. --- ### 1. General Technical Specifications A PDU (Power Distribution Unit) acts as a high-grade power strip designed to distribute electric power to IT equipment. The "AA2R-R" designation usually refers to a specific configuration of outlets and mounting. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 110V - 250V AC (Auto-sensing) | | **Current Rating** | Usually rated for 15A to 30A depending on the regional plug | | **Form Factor** | 1U or 2U Rackmount (Horizontal) | | **Protection** | Built-in Circuit Breaker or Surge Protection | | **Outlet Type** | Often features NEMA 5-15R or IEC C13 sockets | --- ### 2. Key Electronic Components Inside the PDU-AA2R-R, the following electronic parts manage and protect the power flow: #### A. Power Rail/Busbar Unlike consumer power strips that use thin wires, industrial PDUs use solid copper busbars. This ensures: * Minimal heat generation during high current draw. * Consistent voltage across all outlets. #### B. Circuit Breaker (Thermal/Magnetic) The unit includes a resettable circuit breaker. This protects the connected equipment from: * **Overcurrent:** Shuts down if the total load exceeds the rated Amperage. * **Short Circuits:** Prevents fire hazards by instantly cutting the connection. #### C. EMI/RFI Filtering Many models in this series include internal capacitors and inductors that act as a low-pass filter to: * Reduce electromagnetic interference (EMI). * Clean "noise" from the power line that could interfere with sensitive server data. #### D. Surge Protection (MOV) Metal Oxide Varistors (MOVs) are often integrated to shunt excess voltage (spikes) to the ground, protecting downstream electronics from lightning or grid instability. --- ### 3. Connection and Interface The "R" suffix often indicates **Redundancy** or **Rear-facing** outlets. * **Input Plug:** Heavy-duty power cord (SJT or SOOW type). * **Status LEDs:** Green/Red indicators for "Grounded" and "Protected" status. * **Grounding Stud:** An external screw point for chassis grounding to the server rack. --- ### 4. Wiring Diagram Concept The internal wiring follows a parallel distribution logic: ```mermaid graph LR Line_In --> Breaker Breaker --> Filter[EMI/RFI Filter] Filter --> Busbar Busbar --> Outlet1 Busbar --> Outlet2 Busbar --> OutletN Ground_In --> Chassis ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage rating for the PDU-AA2R-R?
    • ⤷ Does this model support remote monitoring via SNMP?
    • ⤷ Is the PDU-AA2R-R compatible with 240V international standards?