PDI-CAB-RVGXX
AI

The **PDI-CAB-RVGXX** (often referred to as a "Standard RVG Cable") is a specialized interconnect cable primarily used in medical and dental imaging environments. It is designed to link digital intraoral radiography sensors (specifically RVG—RadioVisioGraphy sensors) to computer systems or proprietary control boxes.
Below is an analysis of the electronic components and technical specifications of this cable series.
---
## 1. Electronic Architecture
The cable is not a simple copper wire; it is an engineered data transmission line designed for low-latency, high-bandwidth imaging data.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Differential Pairs** | Twisted pair wiring | Transmits high-speed digital signals while minimizing EMI. |
| **EMI/RFI Shielding** | Braided foil or aluminized Mylar | Protects image data from interference caused by dental drills or X-ray heads. |
| **Gold-Plated Pins** | 30μ" or 50μ" Gold plating | Ensures low contact resistance and prevents oxidation in clinical environments. |
| **Ferrite Beads** | Internal or external inductive chokes | Suppresses high-frequency noise on the power and data lines. |
---
## 2. Technical Specifications
The "XX" in the part number typically denotes the **length** of the cable (e.g., 03 for 3 meters, 05 for 5 meters).
### Physical & Electrical Characteristics
* **Voltage Rating:** Typically rated for 5V DC (standard for USB/Digital Sensor power).
* **Data Protocol:** Primarily supports **USB 2.0 / USB 3.0** architecture, adapted for proprietary sensor connectors.
* **Insulation Material:** Medical-grade PVC or TPU (Thermoplastic Polyurethane), designed to withstand medical disinfectants.
* **Connector Type A:** Standard USB Type-A (Male) or a proprietary multi-pin circular connector.
* **Connector Type B:** Proprietary Sensor Interface (custom pinout for RVG units).
---
## 3. Key Electronic Features
### A. Active vs. Passive Signal Conditioning
Depending on the length (XX), longer versions of the PDI-CAB-RVG series may include an **Active Repeater** or signal booster chip embedded in the cable housing to prevent data loss over distances exceeding 3 meters.
### B. Strain Relief Design
Electronically, the most vulnerable point is the junction between the cable and the connector. These cables utilize over-molded strain relief to ensure that the internal solder points do not experience mechanical tension, which would lead to intermittent signal "noise" in the X-ray image.
### C. Pinout Mapping
While proprietary, the pinout generally follows this logic:
1. **VCC (5V):** Power to the CMOS/CCD sensor.
2. **Data + / Data -:** Differential signal for image transfer.
3. **Ground (GND):** Reference voltage.
4. **Shield:** Connected to the connector housing for grounding.
---
## 4. Maintenance and Troubleshooting
If the electronic integrity of the cable is compromised, common symptoms include:
* **Artifacts:** Static or lines appearing on the digital X-ray.
* **Connection Dropping:** The PC software reports "Sensor Not Found."
* **Slow Transfer:** High packet loss forcing the protocol to downshift speeds.
---
- ⤷
What are the specific pinout differences between the PDI-CAB-RVG and standard USB cables?
- ⤷ Does this cable require specific drivers for the internal signal booster?
- ⤷ Which RVG sensor brands are compatible with the PDI-CAB series?