Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PCSV80-R90T-RC

  • AI
    The **PCSV80-R90T-RC** is a high-performance proportional control solenoid valve typically used in hydraulic systems for mobile machinery and industrial automation. This specific model is part of a series known for precise fluid regulation through electronic signals. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and mechanical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Proportional Control Solenoid Valve | | **Operating Voltage** | 12V or 24V DC (Model dependent) | | **Control Signal** | Pulse Width Modulation (PWM) | | **Max Pressure** | Up to 350 Bar (Approx. 5000 PSI) | | **Flow Rate** | Nominal 80 L/min | | **Resistance** | Approx. 5.0 - 7.5 Ohms (at 24V) | | **Connector Type** | Deutsch DT04-2P or Junior Timer | --- ### 2. Electronic Operating Principle The "PCSV" (Proportional Control Solenoid Valve) functions by converting an electrical input into a proportional mechanical force. 1. **PWM Control:** Unlike standard ON/OFF valves, this unit is driven by a **PWM (Pulse Width Modulation)** signal. By varying the duty cycle of the signal, the electronic controller manages the average current flowing through the coil. 2. **Magnetic Force:** The current generates a magnetic field in the solenoid coil, which moves an internal armature against a spring. 3. **Proportional Displacement:** The distance the armature moves is directly proportional to the current applied. This allows for fine-tuning of the hydraulic flow or pressure rather than simple binary switching. 4. **Dither:** To reduce "stiction" (static friction) and hysteresis, the electronic controller often applies a high-frequency vibration (dither) to the signal, keeping the internal spool in constant micro-motion. --- ### 3. Electronic Protection & Safety To ensure longevity and reliability in harsh electrical environments, the PCSV80-R90T-RC incorporates: * **Ingress Protection (IP67/69K):** The electronics are sealed against moisture and high-pressure washdowns. * **Thermal Rating:** Designed to operate in high ambient temperatures (Class H insulation, up to 180°C). * **EMC Compliance:** Shielded to prevent Electromagnetic Interference (EMI) from affecting other vehicle sensors or controllers. --- ### 4. Typical Connection Logic In a standard integration, the wiring follows this basic structure: ```cpp // Logic flow for a PWM Controller driving the PCSV Target_Flow = read_joystick_input(); // 0 to 100% Current_Required = map(Target_Flow, 0, 100, MIN_AMPS, MAX_AMPS); PWM_Duty_Cycle = calculate_pwm(Current_Required); output_to_valve(PWM_Duty_Cycle); ```
    ✨ Follow-up Questions
    • ⤷ What is the recommended PWM frequency for the PCSV80 series?
    • ⤷ How do I troubleshoot a solenoid coil failure in this valve?
    • ⤷ What are the common hydraulic fluid requirements for the R90T model?