Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PCSFW530-R68M

  • AI
    Based on the part number **PCSFW530-R68M**, this component is a **Power Inductor**, specifically a shielded SMD (Surface Mount Device) high-current inductor. These are commonly used in power management circuits to store energy and filter noise. ### 1. Part Number Breakdown The alphanumeric code typically follows a specific manufacturing logic: | Segment | Identification | Description | | :--- | :--- | :--- | | **PCSFW** | Series Code | High-current, low-profile shielded power inductor series. | | **530** | Case Size | Dimensions (approx. 5.0mm x 5.0mm x 3.0mm). | | **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Industry standard for inductors). | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (such as *Chilisin* or *Pulse*), the general characteristics for a 530-size 0.68µH inductor are: * **Inductance:** 0.68 µH * **Shielding:** Magnetically shielded (prevents EMI/interference with nearby components). * **DCR (DC Resistance):** Very low (typically < 15 mΩ) to minimize power loss. * **Isat (Saturation Current):** High (often ranging from 8A to 12A depending on the specific core material). * **Irms (Rated Current):** The maximum continuous current before a specific temperature rise (usually 40°C). --- ### 3. Key Applications Because of its low inductance and high current handling, the **PCSFW530-R68M** is ideal for: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters. 2. **Point of Load (POL):** Voltage regulation for CPUs, GPUs, and FPGAs. 3. **Battery Powered Devices:** High efficiency makes it suitable for laptops and tablets. 4. **Automotive/Industrial:** Used in modules where space is limited but power density must be high. --- ### 4. Physical Construction ```markdown * **Core Material:** Metal alloy or Carbonyl Iron powder (provides soft saturation). * **Wire:** Heavy-gauge copper wire to handle high amperage. * **Termination:** Lead-free (RoHS compliant) solder pads for SMD mounting. ```
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the 530 size series?
    • ⤷ How does an R68 inductance value compare to a 1R0 value in terms of efficiency?
    • ⤷ Which manufacturers produce the PCSFW series inductors?