Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PCHC412R8-R68M-RC

  • AI
    The **PCHC412R8-R68M-RC** is a high-current, shielded power inductor typically used in DC-DC converters, voltage regulator modules (VRMs), and automotive power electronics. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical properties: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **PCHC** | Series | High-current power inductor series | | **412R8** | Dimensions | Approx. 4.0 x 4.0 x 3.0 mm (Size footprint) | | **R68** | Inductance | 0.68 µH (Microhenries) | | **M** | Tolerance | ±20% | | **RC** | Compliance | RoHS Compliant | --- ### 2. Electrical Specifications These parameters define how the part performs under electrical load: * **Inductance:** 0.68 µH. * **DC Resistance (DCR):** Usually very low (in the range of 3.0 to 5.0 mΩ) to minimize power loss through heat. * **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (usually 20% or 30%). For this series, it is typically rated between **15A and 25A** depending on the specific revision. * **Heating Current ($I_{rms}$):** The continuous current that causes a 40°C temperature rise. --- ### 3. Key Features * **Shielded Construction:** The inductor is magnetically shielded to reduce Electromagnetic Interference (EMI), which is critical for densely packed circuit boards. * **Molded Core:** Often uses a metal powder core which provides soft saturation characteristics (it doesn't "crash" suddenly when current limits are reached). * **High Frequency:** Designed to handle high switching frequencies (up to several MHz). * **Thermal Stability:** Built to operate in wide temperature ranges, often up to **125°C or 150°C**. --- ### 4. Common Applications This part is commonly found in: 1. **Laptops and Tablets:** Powering the CPU/GPU core rails. 2. **Automotive Systems:** ADAS sensors, infotainment, and LED lighting drivers. 3. **Telecom:** Base stations and networking equipment where high efficiency is required. 4. **DC-DC Converters:** Point-of-Load (POL) converters. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the PCHC412R8-R68M-RC?
    • ⤷ How does the 'soft saturation' of metal powder cores benefit a circuit?
    • ⤷ What is the recommended solder profile for this specific inductor package?