Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PBYR645CTD

  • AI
    ## Overview of PBYR645CTD The **PBYR645CTD** is a high-performance **Schottky Barrier Diode** (Dual Rectifier) typically housed in a surface-mount package (DPAK/TO-252). It is designed for high-frequency switching and low power loss applications. --- ### Key Specifications Below are the primary technical parameters for the PBYR645CTD: | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual Common Cathode | Two diodes sharing a center pin | | **$V_{RRM}$** | 45 V | Maximum Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 6 A (Total) | Maximum Average Forward Current | | **$V_F$** | ~0.55 V | Forward Voltage Drop (at rated current) | | **$I_{FSM}$** | 50 A - 60 A | Non-repetitive Peak Forward Surge Current | | **Package** | DPAK (TO-252) | Surface Mount Device (SMD) | --- ### Internal Structure and Symbol The device features a **Common Cathode** configuration. This means pins 1 and 3 are the Anodes for the two separate diodes, while the center pin (Pin 2/Tab) is the shared Cathode. ```text (Anode 1) (Cathode) (Anode 2) | | | --+-- --+-- --+-- | | | +----|>|---+---|<|----+ ``` --- ### Core Features 1. **Low Forward Voltage ($V_F$):** Reduces power dissipation during conduction, increasing overall system efficiency. 2. **Fast Switching:** Schottky technology allows for negligible reverse recovery time, making it ideal for high-speed circuits. 3. **Guard Ring Protection:** Most "PBYR" series diodes include an internal guard ring for stress protection and enhanced reliability against high-voltage transients. 4. **Thermal Performance:** The DPAK package provides a large metal tab for efficient heat dissipation into the PCB. --- ### Common Applications * **Switch Mode Power Supplies (SMPS):** Used as output rectifiers for DC-DC converters. * **Reverse Polarity Protection:** Protecting sensitive electronics from accidental battery reversal. * **Freewheeling Diodes:** Used in motor control circuits to suppress inductive spikes. * **OR-ing Diodes:** In redundant power supply systems where multiple DC sources are combined. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the PBYR645CTD?
    • ⤷ How does the common cathode configuration simplify PCB layout?
    • ⤷ What is the maximum operating junction temperature for this diode?