Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PBYR4045WT

  • AI
    ### Technical Overview of PBYR4045WT The **PBYR4045WT** is a high-performance **Schottky Barrier Diode** (SBD) designed primarily for high-frequency switching and low-loss power rectification. It is typically housed in a **TO-247** (or SOT429) package, which is optimized for power dissipation and heat sinking. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V | | **Average Forward Current** | $I_{F(AV)}$ | 40 (20 per leg) | A | | **Forward Voltage Drop** (at 20A) | $V_{F}$ | ~0.58 | V | | **Operating Junction Temperature** | $T_j$ | 150 | °C | | **Package Style** | Pkg | TO-247 / SOT429 | - | --- ### 2. Internal Configuration The PBYR4045WT is a **dual-diode** component in a **Common Cathode** configuration. * **Pin 1:** Anode 1 * **Pin 2:** Cathode (Connected to the mounting tab) * **Pin 3:** Anode 2 This dual-chip design allows it to be used in full-wave rectification circuits or to be wired in parallel to handle higher current loads with balanced thermal distribution. --- ### 3. Core Electronic Features 1. **Low Forward Voltage Drop ($V_F$):** Unlike standard silicon diodes (~0.7V - 1.1V), this Schottky diode has a very low $V_F$. This results in lower power dissipation and higher efficiency in power supplies. 2. **Fast Switching Speed:** Since Schottky diodes are majority carrier devices, they have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-frequency applications (multi-kHz range). 3. **Guard Ring Protection:** The internal structure usually includes a guard ring for stress protection, which enhances long-term reliability against high voltage transients. --- ### 4. Typical Applications * **Switched Mode Power Supplies (SMPS):** Used on the secondary side for high-frequency rectification. * **DC-DC Converters:** Acts as a freewheeling diode or polarity protection. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. * **Battery Chargers:** Efficiently handles high current during the charging cycle. --- ### 5. Implementation Example (Basic Rectifier) ```text [ Transformer Secondary ] | | (Anode 1) (Anode 2) | | +----[ PBYR4045WT ]----+ | (Common Cathode) | [ Filter Capacitor ] -> DC Output ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for this diode at full 40A load?
    • ⤷ How does the reverse leakage current of the PBYR4045WT change with temperature?
    • ⤷ What are the pin-compatible alternatives if this part is discontinued?