Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PBYR345CTD

  • AI
    ## PBYR345CTD: Technical Overview The **PBYR345CTD** is a high-performance Schottky barrier rectifier diode. It is commonly used in power management circuits due to its low forward voltage drop and high switching speed. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Dual Schottky Diode | Contains two diodes with a Common Cathode. | | **Package** | DPAK (TO-252) | Surface-mount package with good thermal properties. | | **Max. Voltage ($V_{RRM}$)** | 45V | Maximum repetitive peak reverse voltage. | | **Max. Current ($I_{F(AV)}$)** | 3A (Total) | Average forward current (1.5A per diode). | | **Forward Voltage ($V_F$)** | ~0.5V - 0.6V | Low voltage drop at rated current. | | **Operating Temp** | -65°C to +150°C | Robust range for industrial applications. | --- ### 2. Pin Configuration The device is a **Common Cathode** dual diode. This means the two diodes share a single output point, typically used for rectification or "OR-ing" circuits. 1. **Anode 1**: Input for the first diode. 2. **Cathode (Tab)**: The shared output (Common Cathode). 3. **Anode 2**: Input for the second diode. --- ### 3. Core Features and Benefits * **Schottky Technology**: Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction. This results in much faster switching times and lower power loss. * **Low Forward Voltage**: Reduces heat generation and improves efficiency in power supplies. * **Guard Ring Protection**: Most PBYR series diodes include an internal guard ring for stress protection and improved reliability against high-voltage transients. * **High Frequency Operation**: Suitable for high-speed switching power supplies (SMPS). --- ### 4. Typical Applications The PBYR345CTD is frequently found in the following electronic circuits: * **DC-DC Converters**: Stepping voltage up or down efficiently. * **Freewheeling Diode**: Protecting circuits from inductive "kickback" in motor drivers or relay circuits. * **Reverse Polarity Protection**: Preventing damage if a battery or power source is connected backwards. * **OR-ing Diodes**: Combining two power sources (like a battery and a wall adapter) while preventing backflow.
    ✨ Follow-up Questions
    • ⤷ How does the Schottky barrier compare to a standard silicon diode in terms of efficiency?
    • ⤷ What are the thermal considerations for mounting the DPAK package?
    • ⤷ Can the two anodes be wired in parallel to increase current capacity?