Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PBYR1040D

  • AI
    ## PBYR1040D Schottky Barrier Diode The **PBYR1040D** is a high-performance Schottky rectifier diode designed specifically for low-voltage, high-frequency rectification. It is commonly used in switched-mode power supplies (SMPS) and high-frequency DC/DC converters. --- ### 1. Key Technical Specifications The electrical characteristics define how the component behaves under load. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Rectified Forward Current** | $I_{O(AV)}$ | 10 | A | | **Peak Forward Surge Current** | $I_{FSM}$ | 120 | A | | **Forward Voltage Drop (at 10A)** | $V_F$ | ~0.55 | V | | **Operating Junction Temperature** | $T_j$ | -65 to 150 | °C | --- ### 2. Physical and Packaging Features The "D" suffix usually refers to the package type, typically the **DPAK (TO-252)** surface-mount package. - **Package Type:** DPAK / TO-252. - **Mounting Style:** Surface Mount Device (SMD). - **Termination:** Three terminals (usually with the center lead removed or connected to the tab, which acts as the Cathode). --- ### 3. Core Characteristics The PBYR1040D is valued for several specific electronic properties: * **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (~0.7V), this Schottky diode has a much lower drop, reducing power dissipation and increasing efficiency. * **Ultra-Fast Switching:** Because Schottky diodes are majority carrier devices, they have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed switching. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and enhanced long-term reliability against high voltage transients. --- ### 4. Common Applications Due to its 10A current rating and 40V limit, it is frequently found in: 1. **Output Rectification:** Used in the secondary side of AC/DC power adapters. 2. **Freewheeling Diodes:** Protecting circuits from inductive spikes in motor drivers. 3. **Polarity Protection:** Preventing circuit damage if a battery or power supply is connected backwards. 4. **OR-ing Diodes:** Combining multiple power sources in redundant systems. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the PBYR1040D?
    • ⤷ How does the power dissipation of a Schottky diode compare to a standard PN junction diode?
    • ⤷ What is the importance of the 'Guard Ring' in Schottky diode construction?