Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PBYR1020CTD

  • AI
    ### PBYR1020CTD Overview The **PBYR1020CTD** is a specialized power semiconductor device, specifically a **dual Schottky barrier rectifier diode**. It is designed for high-efficiency switching and power management applications. --- ### Technical Specifications Below are the primary electrical characteristics of the PBYR1020CTD: | Parameter | Value | Description | | :--- | :--- | :--- | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20 V | The maximum voltage the diode can withstand in reverse bias. | | **Average Rectified Forward Current ($I_{O}$)** | 10 A | Total current capacity (usually 5A per individual diode). | | **Forward Voltage Drop ($V_{F}$)** | ~0.5 V | Typical voltage lost across the diode when conducting. | | **Reverse Recovery Time ($t_{rr}$)** | Negligible | Fast switching due to the Schottky metal-semiconductor junction. | | **Package Type** | DPAK (TO-252) | Surface-mount package designed for heat dissipation. | --- ### Internal Structure and Pinout The PBYR1020CTD is a **Common Cathode** device. It contains two diodes inside a single package that share a central output point. 1. **Pin 1 (Anode 1):** Input for the first diode. 2. **Pin 2/Tab (Cathode):** The common output for both diodes (connected to the mounting tab for heat sinking). 3. **Pin 3 (Anode 2):** Input for the second diode. --- ### Key Features * **Low Forward Voltage:** Schottky diodes have a lower $V_F$ compared to standard silicon diodes, resulting in less power loss and higher efficiency. * **High Frequency Operation:** The absence of minority carrier storage allows for extremely fast switching transitions. * **Guard Ring Protection:** Often includes an internal guard ring for stress protection and long-term reliability against high voltages. --- ### Common Applications Due to its efficiency and speed, this part is commonly found in: * **Switched Mode Power Supplies (SMPS):** Used for output rectification. * **DC-DC Converters:** Managing power flow between different voltage rails. * **Polarity Protection:** Preventing damage if batteries or power inputs are connected backward. * **Freewheeling Diodes:** Used in motor control circuits to dissipate inductive spikes.
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for mounting the DPAK version of this diode?
    • ⤷ How does the 20V rating affect its use in 12V vs 24V systems?
    • ⤷ Can the two internal diodes be wired in parallel to increase current capacity?