Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PBYL2525CTB

  • AI
    ## Technical Overview: PBYL2525CTB Schottky Rectifier The **PBYL2525CTB** is a high-performance **Schottky Barrier Diode** primarily used for rectification and power management. It is designed for low power loss and high efficiency in switching power supplies. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this component: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 25 | V | | **Average Forward Current** | $I_{F(AV)}$ | 25 | A | | **Forward Voltage Drop** (at 25A) | $V_F$ | ~0.45 - 0.50 | V | | **Operating Junction Temp** | $T_j$ | -65 to +150 | °C | | **Configuration** | - | Dual (Common Cathode) | - | --- ### 2. Physical and Structural Parts The device is typically housed in a **D2PAK (SOT404)** surface-mount package. Its internal structure consists of: * **Schottky Barrier:** Unlike standard PN junction diodes, this uses a metal-semiconductor junction. This results in a much lower forward voltage drop and extremely fast switching speeds. * **Dual Diode Configuration:** The "CT" in the part number usually indicates a **Common Cathode** arrangement. Inside the package, there are two diodes whose cathodes are connected to the center lead/tab. * **Guard Ring:** Most PBYL series diodes include an internal guard ring for stress protection, which enhances long-term reliability against high-voltage transients. --- ### 3. Application Areas Because of its high current capacity and low energy loss, it is commonly found in: 1. **Switched-Mode Power Supplies (SMPS):** Used in the output stage to convert AC to DC. 2. **DC-DC Converters:** Acts as a freewheeling diode to maintain current flow when switches are off. 3. **Reverse Polarity Protection:** Prevents damage to circuits if a battery or power source is connected backward. 4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Critical Design Considerations * **Thermal Management:** At 25A, even a 0.5V drop generates 12.5W of heat. Proper PCB heat sinking or a dedicated thermal pad is required. * **Reverse Leakage:** Schottky diodes have higher reverse leakage currents than standard silicon diodes, which increases significantly with temperature. * **Voltage Headroom:** With a 25V $V_{RRM}$ rating, this part is best suited for 5V to 12V output rails. Using it near 25V requires careful snubbing to avoid voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PBYL2525CTB and a standard silicon rectifier?
    • ⤷ How should the D2PAK footprint be designed to handle the 25A current thermal load?
    • ⤷ Are there higher voltage variants of the PBYL series for 24V systems?