Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • PBYL1020B

  • AI
    ### Overview of PBYL1020B The **PBYL1020B** is a high-performance **Schottky Barrier Diode** typically housed in a surface-mount power package (D2PAK / TO-263). It is designed for high-frequency switching, low power loss, and high efficiency. --- ### Technical Specifications The following table summarizes the core electronic parameters of the PBYL1020B: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier | Metal-semiconductor junction | | **$V_{RRM}$** | 20V | Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 10A | Maximum Average Forward Current | | **$V_F$** | ~0.45V - 0.50V | Forward Voltage Drop (at 10A) | | **$I_{FSM}$** | ~120A - 150A | Non-repetitive Peak Surge Current | | **$T_j$** | 150°C | Maximum Junction Temperature | | **Package** | D2PAK (SOT404) | Surface mount power package | --- ### Key Electronic Characteristics #### 1. Low Forward Voltage Drop ($V_F$) Unlike standard silicon diodes (which have a $V_F$ of ~0.7V to 1.1V), the PBYL1020B has a very low forward voltage. This minimizes power dissipation ($P = V_F \times I_F$), making it ideal for battery-operated devices. #### 2. High Switching Speed As a Schottky diode, it lacks the "reverse recovery time" ($t_{rr}$) associated with minority carrier injection in P-N junction diodes. This allows it to switch at very high frequencies (hundreds of kHz) without significant energy loss. #### 3. Guard Ring Structure The internal architecture usually includes a proprietary "Guard Ring" for stress protection. This helps the diode handle high $dv/dt$ (voltage transitions) and provides better reliability against transient over-voltages. --- ### Typical Applications Due to its 10A current rating and low voltage drop, it is commonly used in: * **Switched-Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-DC Converters:** Buck or Boost converters where efficiency is critical. * **Battery Protection:** Preventing reverse polarity in high-current charging circuits. * **Freewheeling Diode:** Protecting circuits from inductive spikes in motor drives. --- ### Thermal Management Since this is a surface-mount part (D2PAK), heat dissipation is primarily handled through the PCB copper plane. Designers must ensure adequate soldering pads to act as a heat sink, as the device can generate significant heat when running at its full 10A rating.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the PBYL1020B?
    • ⤷ How does the reverse leakage current of this Schottky diode compare to a standard silicon diode?
    • ⤷ What is the recommended PCB footprint for the D2PAK package used by this diode?