Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • P8044AH-R0117

  • AI
    ## Technical Overview of P8044AH-R0117 The **P8044AH-R0117** is a specialized microcontroller belonging to the Intel MCS-48 family. It is specifically designed as a Universal Peripheral Interface (UPI) controller, often utilized in keyboard control or communication bridging tasks in legacy computing systems. --- ### 1. Key Technical Specifications The "P" prefix indicates a Plastic Dual In-line Package (PDIP), while the "R0117" suffix typically refers to a specific custom mask ROM (Read-Only Memory) code pre-programmed by the manufacturer for a specific client or hardware function. | Parameter | Specification | | :--- | :--- | | **Architecture** | MCS-48 (8-bit) | | **Package Type** | 40-pin PDIP | | **ROM (Program Memory)** | 4KB (Masked) | | **RAM (Data Memory)** | 192 Bytes | | **Clock Speed** | Up to 12 MHz | | **I/O Pins** | 32 Programmable I/O lines | | **Supply Voltage** | 5V DC | --- ### 2. Internal Architecture Components The device acts as a "slave" processor to a "master" CPU. It handles local tasks to offload processing from the main system. * **CPU Core:** An 8-bit arithmetic logic unit (ALU) capable of basic arithmetic, logic operations, and bit manipulation. * **Dual-Port Interface:** It contains specialized registers that allow the host CPU and the 8044 to communicate asynchronously. * **Timer/Counters:** Includes internal 8-bit timers for managing hardware events or generating delays. * **FIFO/Registers:** Features specialized registers for data buffering, which is critical for serial communication or keyboard matrix scanning. --- ### 3. Pinout Functions (Brief) The 40 pins are generally categorized into the following functional groups: | Group | Function | | :--- | :--- | | **Power** | Vcc (+5V) and Vss (Ground). | | **Clock** | XTAL1/XTAL2 for crystal oscillator input. | | **Data Bus** | D0-D7 for communication with the host processor. | | **Control** | RD (Read), WR (Write), CS (Chip Select), and RESET. | | **P1/P2 Ports** | General purpose I/O for controlling external peripherals. | --- ### 4. Common Applications Due to the **R0117** custom firmware, this specific chip was most frequently found in: * **Legacy Keyboards:** Managing key matrix scanning and debouncing. * **IBM-Compatible Systems:** Serving as a dedicated keyboard or mouse controller. * **Industrial Automation:** Handling low-level communication protocols between sensors and a central computer. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the P8044 and the standard 8051 microcontroller?
    • ⤷ How does the 'Mask ROM' in this chip affect its repair or replacement availability?
    • ⤷ What is the role of the UPI (Universal Peripheral Interface) in modern computing?