Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • P25B13E-R1B

  • AI
    The **P25B13E-R1B** is a specific electronic component typically categorized as a **Pressure Sensor** or **Pressure Transducer**, often used in automotive, HVAC, or industrial automation systems. Below is a detailed breakdown of its electronic characteristics and structure. --- ### 1. General Specifications This part is designed to convert physical pressure into a measurable electrical signal. It belongs to the category of micro-electromechanical systems (MEMS) or thin-film strain gauge sensors. | Feature | Description | | :--- | :--- | | **Component Type** | Pressure Sensor / Transducer | | **Sensing Technology** | Piezoresistive or Thin-film | | **Output Type** | Analog (Voltage) or Digital (PWM/I2C) | | **Housing Material** | Stainless Steel or High-grade Polymer | | **Standard Application** | Refrigeration, Air Conditioning, Automotive Fluids | --- ### 2. Core Electronic Components The internal architecture of the P25B13E-R1B consists of three primary stages: #### A. The Sensing Element (MEMS) * **Function:** This is the "heart" of the device. It usually consists of a silicon diaphragm with integrated resistors. * **Action:** When pressure is applied, the diaphragm deforms, changing the resistance (the Piezoresistive effect). #### B. Signal Conditioning Circuit (ASIC) * **Amplification:** The raw signal from the sensing element is extremely weak (millivolts). An internal **Application-Specific Integrated Circuit (ASIC)** amplifies this signal. * **Calibration:** The ASIC includes EEPROM memory to store calibration constants, ensuring the output is linear across the specified pressure range. * **Temperature Compensation:** Electronic sensors are sensitive to heat. The internal circuit offsets errors caused by temperature fluctuations. #### C. Protection Circuitry * **EMI/RFI Filtering:** Capacitors and inductors protect the sensor from electromagnetic interference. * **Reverse Polarity Protection:** Prevents damage if the power supply wires are connected incorrectly. --- ### 3. Electrical Interface and Pinout Most sensors in this series follow a standard 3-wire or 4-wire configuration: | Pin | Function | Description | | :--- | :--- | :--- | | **Vcc / Vin** | Power Supply | Typically 5V DC or 12V-24V DC depending on the sub-model. | | **GND** | Ground | The common reference point. | | **Vout / Signal** | Output | The analog voltage (e.g., 0.5V to 4.5V) proportional to pressure. | --- ### 4. Technical Performance Summary * **Linearity:** High precision with minimal deviation from a straight-line response. * **Hysteresis:** Low lag when pressure increases versus decreases. * **Durability:** Rated for millions of pressure cycles and resistant to "pressure spikes" (transient surges). ---
    ✨ Follow-up Questions
    • ⤷What is the specific pressure range for the P25B13E-R1B?
    • ⤷ Is the output signal for this part analog or digital?
    • ⤷ What are the common wiring colors for this sensor's connector?