Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • OT2-6-R

  • AI
    The **OT2-6-R** is a specific type of **Ring Terminal** connector, commonly used in electrical engineering and wiring assemblies to ensure a secure, bolted connection to a stud or terminal block. --- ### 1. Technical Specifications The "OT" series typically refers to open-barrel or lug-style copper terminals. Here are the general specifications for the OT2-6-R: | Parameter | Specification | | :--- | :--- | | **Material** | High-conductivity Copper (often Tin-plated) | | **Wire Gauge (AWG)** | 14 - 12 AWG (approx. 2.0 - 2.5 mm²) | | **Stud Size (R)** | 6mm (M6) | | **Connection Type** | Crimp or Solder | | **Insulation** | Non-insulated (R-type usually denotes "Raw" or "Ring") | ### 2. Physical Design * **The Ring (Tongue):** The circular end with a 6mm hole designed to be placed over a screw or stud. The "6" in the part number specifically indicates compatibility with **M6** hardware. * **The Barrel:** The part where the wire is inserted. In "OT" models, this is often a seam-welded or seamless tube designed for high compression. * **Plating:** Most variants are electro-tin plated to prevent corrosion and oxidation of the copper base. ### 3. Key Applications These parts are foundational in power distribution and electronics: 1. **Grounding:** Used to attach ground wires to a metal chassis. 2. **Automotive:** Connecting battery cables or high-current accessories to relays and starters. 3. **Industrial Control:** Wiring heavy-duty contactors and terminal strips. ### 4. Installation Best Practices To ensure a low-resistance connection, follow these steps: * **Stripping:** Strip the wire insulation just enough so the conductor fills the barrel but doesn't interfere with the ring. * **Crimping:** Use a dedicated hex or indent crimping tool. A poor crimp leads to "hot spots" and potential fire hazards. * **Heat Shrink:** Since the OT2-6-R is typically non-insulated, applying adhesive-lined heat shrink over the barrel and wire provides strain relief and moisture protection. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity for a 2.5mm copper ring terminal?
    • ⤷ How does an OT-style terminal differ from a pre-insulated RV-style terminal?
    • ⤷ Which crimping tool is recommended for non-insulated copper lugs?