AI

The **OG-F8HT28DP** is a specialized high-performance optical transceiver module, typically categorized as a **QSFP28 (Quad Small Form-factor Pluggable 28)** device. It is designed for high-density 100G Ethernet connectivity, primarily used in data centers and enterprise networking.
---
## Technical Specifications
The following table outlines the primary electronic and optical characteristics of the OG-F8HT28DP:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | QSFP28 |
| **Data Rate** | 100 Gbps (4 x 25G) |
| **Wavelength** | 850nm (Multimode) |
| **Media Type** | MMF (Multi-Mode Fiber) |
| **Max Distance** | 70m (OM3) / 100m (OM4) |
| **Connector** | MPO-12 (Male) |
| **Power Consumption** | < 2.5W - 3.5W |
| **Supply Voltage** | 3.3V |
---
## Key Electronic Components
The "electronic parts" within this module are integrated into a compact PCB (Printed Circuit Board) inside the metal housing. They manage the conversion between electrical signals from the switch and light pulses for the fiber.
### 1. Integrated Circuit (IC) Components
* **CDR (Clock and Data Recovery):** These chips reside on both the transmit and receive channels. They clean up the signal, reduce jitter, and ensure the 25Gbps per-lane data timing is precise.
* **TOSA (Transmitter Optical Sub-Assembly):** Contains the **VCSEL (Vertical Cavity Surface Emitting Laser)** drivers. It converts the electrical data into 850nm light pulses.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA (Trans-Impedance Amplifier)**. The TIA converts the incoming light pulses back into measurable electrical current.
### 2. Monitoring & Control
* **EEPROM:** Stores the module's identification, serial number, and manufacturer data. This is what the network switch reads via the **I2C interface**.
* **DDM/DOM (Digital Diagnostic Monitoring):** This circuitry monitors real-time parameters such as internal temperature, supply voltage, laser bias current, and optical transmit/receive power.
### 3. Electrical Interface
* **38-pin Connector:** The module uses a standard gold-finger edge connector to interface with the host switch/router. This carries the high-speed differential signals (4 lanes TX, 4 lanes RX) and low-speed control signals (SCL, SDA, ResetL, ModSelL).
---
## Application and Usage
Because this module operates at 850nm over Multimode Fiber, it is used for **Short Reach (SR4)** applications. It is ideal for:
1. **Switch-to-Switch** links within the same rack.
2. **Server-to-Switch** 100G high-bandwidth uplinks.
3. **Data Center Core** interconnects using MPO/MTP breakout cables.
- ⤷
What is the difference between SR4 and LR4 optical modules?
- ⤷ How does the I2C interface communicate with the host switch?
- ⤷ What are the specific power requirements for QSFP28 modules?