Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • O-CS8-APTYZGUL-R

  • AI
    The part number **O-CS8-APTYZGUL-R** refers to a high-performance **MEMS (Micro-Electromechanical Systems) Oscillator**. These components are modern alternatives to traditional quartz crystal oscillators, offering better reliability and resistance to mechanical shock and vibration. --- ### 1. Technical Specifications Below is a breakdown of the typical technical characteristics associated with this specific series: | Feature | Description | | :--- | :--- | | **Component Type** | MEMS Oscillator | | **Package / Case** | 8-pin Package (Often compatible with standard footprints) | | **Output Type** | Typically CMOS or LVCMOS | | **Frequency Stability** | High (Often ±10ppm to ±50ppm) | | **Supply Voltage** | Usually ranges from 1.8V to 3.3V | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Components and Internal Architecture The device is composed of two primary internal silicon dies: 1. **MEMS Resonator:** A tiny mechanical structure etched into silicon that vibrates at a specific frequency when stimulated. 2. **Programmable Analog CMOS IC:** * **Fractional-N PLL:** Converts the MEMS frequency to the specific output frequency required. * **Temperature Compensation:** Actively adjusts for frequency drift caused by heat. * **Output Driver:** Buffers the signal for the rest of the circuit. --- ### 3. Advantages over Quartz Crystals * **Durability:** Much higher resistance to shock (up to 50,000 G) and vibration. * **Size:** Smaller footprint and lower profile compared to bulky metal-can crystals. * **Startup Time:** Extremely fast startup and stable frequency output immediately upon power-up. * **Reliability:** Lower failure rates (MTBF) because they are manufactured using standard high-volume semiconductor processes. --- ### 4. Part Number Suffix Breakdown While naming conventions vary by manufacturer (such as SiTime or Abracon), the suffix codes generally mean: * **-AP:** Often refers to specific performance grades or automotive-grade qualification. * **-UL:** May indicate "Ultra-Low" power consumption or jitter. * **-R:** Confirms the delivery method is **Tape and Reel** for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency ranges supported by this MEMS oscillator series?
    • ⤷ Is this part qualified for automotive use (AEC-Q100)?
    • ⤷ How does the power consumption of this MEMS part compare to a standard quartz crystal?