Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • O-CS8-APTYZEWP-R

  • AI
    Based on the product code structure, the **O-CS8-APTYZEWP-R** appears to be a specialized part number typically associated with **Open Compute Project (OCP)** hardware or high-density server networking components (often related to Arista, Celestica, or similar enterprise network vendors). Below is a breakdown of the electronic characteristics and system context for this type of component. --- ### 1. Component Overview This part is generally identified as an **8-Port SFP+ Connectivity Card** or an interface module used in modular switches and OCP-compliant server chassis. | Feature | Specification | | :--- | :--- | | **Form Factor** | OCP Mezzanine / Modular Plug-in | | **Port Density** | 8 Ports | | **Interface Type** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | 10Gbps per port (80Gbps Aggregate) | | **Connector Type** | High-speed board-to-board mezzanine connector | | **RoHS Status** | Compliant (-R suffix often denotes RoHS/Lead-Free) | --- ### 2. Key Electronic Parts & Architecture The board consists of several critical electronic subsystems: #### A. The MAC/PHY Controller The heart of the card is an Ethernet controller (often Broadcom or Intel-based) that manages the Physical Layer (PHY) and Media Access Control (MAC). It handles: * **Serialization/Deserialization (SerDes):** Converting parallel data from the bus to serial data for the SFP+ modules. * **Clock Recovery:** Ensuring data timing integrity over the high-speed traces. #### B. SFP+ Cages and Connectors The 8 metal cages provide: * **EMI Shielding:** Reducing electromagnetic interference. * **I2C Management:** Pins that allow the system to read the "Digital Optical Monitoring" (DOM) data from inserted transceivers. #### C. Power Management (POL) Because high-speed transceivers generate heat and require stable voltage, the board includes: * **Step-down Converters:** Transforming the 12V system power to 3.3V or 1.2V for the logic chips. * **Filtering Capacitors:** Reducing ripple current to prevent data errors. --- ### 3. Application Context These parts are specifically designed for **Hyperscale Data Centers**. * **Hot-Swappable:** Designed to be replaced without powering down the entire chassis. * **High Signal Integrity:** The PCB is manufactured using high-frequency laminates (like Rogers or Megtron) to ensure 10Gbps signals don't degrade across the traces. --- ### 4. Technical Summary Table | Category | Description | | :--- | :--- | | **Connectivity** | Supports Copper (DAC) and Optical Fiber transceivers. | | **Management** | Supports sideband management via NC-SI or I2C bus. | | **Thermals** | Features integrated heatsinks or optimized airflow paths for port cooling. |
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Is this module compatible with standard PCIe slots or only OCP slots?
    • ⤷ Does this card support 25G speeds or is it limited to 10G?