Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • O-CS8-AMT58EWP-R

  • AI
    The **O-CS8-AMT58EWP-R** is a high-precision industrial rotary encoder, typically utilized in automation for position and velocity feedback. It is part of a series often associated with absolute multi-turn sensing technology. ### Technical Specifications Below is a breakdown of the core electronic and mechanical characteristics: | Feature | Specification Details | | :--- | :--- | | **Encoder Type** | Absolute Multi-turn | | **Resolution (Single-turn)** | Typically 13-bit (8192 positions per revolution) | | **Resolution (Multi-turn)** | Typically 12-bit (4096 revolutions) | | **Interface** | PROFINET / EtherNet/IP (depending on specific sub-variant) | | **Supply Voltage** | 10 ... 30 V DC | | **Connection Type** | M12 Connector (typically D-coded or A-coded) | | **Protection Class** | IP67 (Dust tight and water immersion resistant) | --- ### Key Electronic Components & Functionality #### 1. Sensing Technology The unit uses **Optical or Magnetic scanning**. * **Single-turn:** Uses a coded disc and an LED light source/receiver array to determine the exact angle within one 360° rotation. * **Multi-turn:** Uses an internal gear train or electronic counter to track the number of full rotations, ensuring the position is not lost if the power is cycled. #### 2. Communication Interface The "EWP" designation often refers to an industrial Ethernet protocol (such as **PROFINET**). This allows the device to: * Communicate real-time position data to a PLC. * Receive configuration parameters (scaling, direction, preset values) over the network. * Provide diagnostic data (temperature alerts, disk errors). #### 3. Power Management The electronics include integrated voltage regulation to handle fluctuations in industrial 24V power supplies. It also features **Reverse Polarity Protection** to prevent damage during installation. --- ### Application Usage These encoders are primarily found in: * **Heavy Industry:** Steel mills or cranes where robust housing is required. * **Logistics:** Conveyor synchronization and automated sorting systems. * **Robotics:** Tracking the absolute position of multi-axis joints. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M12 connector on this model?
    • ⤷ How do I reset the 'Preset Value' via the PROFINET interface?
    • ⤷ What are the mechanical shaft load limits for the AMT58 series?