Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • O-CS8-ALS17ISL-R

  • AI
    The part number **O-CS8-ALS17ISL-R** refers to a high-precision **Digital Ambient Light Sensor (ALS)**. These components are designed to mimic the human eye's response to light, allowing electronic devices to adjust display brightness or perform proximity functions based on environmental lighting conditions. --- ### 1. Key Technical Specifications The following table highlights the typical characteristics of this class of sensor: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Digital Ambient Light Sensor (ALS) | | **Interface** | I2C (Inter-Integrated Circuit) | | **Spectral Response** | Close to human eye (Photopic) | | **Supply Voltage** | 1.7V to 3.6V | | **Resolution** | 16-bit ADC (typically) | | **Package** | Optical Chip Scale Package (OCSP) or ODFN | | **Output Type** | Digital counts via I2C | --- ### 2. Functional Components The internal architecture of this sensor generally consists of the following electronic stages: 1. **Photodiodes:** Dual photodiodes (Visible and Infrared) are used to sense light. By comparing the two, the sensor can subtract IR interference (from sunlight or incandescent bulbs) to calculate accurate visible lux. 2. **Analog-to-Digital Converter (ADC):** Converts the analog current generated by the photodiodes into a digital signal. 3. **Digital Control Logic:** Manages the integration time (exposure) and gain settings to handle both very dark and very bright environments. 4. **I2C Interface:** The communication block that allows a microcontroller (MCU) to read the light data and configure settings. --- ### 3. Application Use Cases This specific part is commonly integrated into the following systems: * **Smartphones/Tablets:** For automatic screen dimming to save battery and reduce eye strain. * **Laptops:** Adjusting keyboard backlighting. * **Industrial Displays:** Maintaining visibility in outdoor or variable lighting conditions. * **IoT Devices:** Smart lighting systems that trigger based on sunset or room occupancy. --- ### 4. Implementation Example (Pseudocode) To interface with this sensor, a developer typically uses I2C commands to initialize the registers and read the data: ```python # Generic Python-like pseudocode for reading ALS data import smbus ADDRESS = 0x44 # Example I2C address COMMAND_REG = 0x80 DATA_REG = 0x88 def read_lux(bus): # Enable the sensor bus.write_byte_data(ADDRESS, COMMAND_REG, 0x03) # Read two bytes of light data data = bus.read_i2c_block_data(ADDRESS, DATA_REG, 2) # Convert data to Lux lux = (data[1] << 8) | data[0] return lux ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the O-CS8 package?
    • ⤷ How does this sensor handle infrared interference compared to standard photodiodes?
    • ⤷ What is the typical power consumption of this sensor in standby mode?