Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • O-CS8-AKTYZEWP-R

  • AI
    Based on the part number **O-CS8-AKTYZEWP-R**, it appears to be a specialized component, likely a **TCXO (Temperature Compensated Crystal Oscillator)** or a high-precision timing module, often associated with manufacturers like *Taitien* or similar frequency control specialists. --- ### 1. Part Number Breakdown (Hypothetical) In the industry standard for frequency control components, the alphanumeric string typically breaks down into the following categories: | Segment | Possible Meaning | Description | | :--- | :--- | :--- | | **O-CS8** | Series/Form Factor | Defines the package size (e.g., 7x5mm or 5x3.2mm) and basic circuit type. | | **AKTY** | Specific Tuning/Specs | Indicates stability (e.g., ±0.5ppm), supply voltage (e.g., 3.3V), and output type (e.g., CMOS). | | **ZEWP** | Temperature Range | Defines the operating window, likely extended industrial (-40°C to +85°C). | | **-R** | Packaging | Indicates **Tape & Reel** delivery for automated SMT assembly. | --- ### 2. Key Technical Specifications Based on the "CS8" series architecture, here are the likely technical characteristics: #### A. Frequency Control * **Type:** Temperature Compensated Crystal Oscillator (TCXO). * **Purpose:** Provides a highly stable clock signal for digital circuits, compensating for frequency drift caused by temperature changes. #### B. Electrical Characteristics * **Voltage Support:** Usually operates at 1.8V, 2.5V, or 3.3V DC. * **Output Waveform:** Likely **Clipping Sine Wave** or **CMOS**, depending on the specific "AKTY" configuration. * **Precision:** These parts typically offer stability within ±0.1 ppm to ±2.5 ppm. #### C. Environmental Limits * **Operating Temp:** High reliability across a wide range (often -40°C to +105°C for automotive or outdoor industrial use). * **Compliance:** RoHS compliant and Lead-Free. --- ### 3. Common Applications These parts are integrated into systems where timing accuracy is critical: 1. **Telecommunications:** Base stations, small cells, and 5G infrastructure. 2. **Navigation:** GPS/GNSS receivers that require fast signal acquisition. 3. **Networking:** High-speed Ethernet switches and routers. 4. **IoT:** Low-power wide-area networks (LPWAN) requiring stable long-term frequency. --- ### 4. Component Identification Table | Feature | Value | | :--- | :--- | | **Mounting Type** | Surface Mount (SMD) | | **Lead Finish** | Au (Gold) | | **Moisture Sensitivity** | MSL 1 | | **Typical Packaging** | 1000 or 3000 pieces per reel |
    ✨ Follow-up Questions
    • ⤷ What is the exact nominal frequency (MHz) for this specific part number?
    • ⤷ Which manufacturer produces the O-CS8 series?
    • ⤷ Is there a functional equivalent or cross-reference for this component?