Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • N103

  • AI
    In the electronics industry, **N103** is a common alphanumeric code used to denote specific component values or part numbers. Most frequently, this refers to **10k Ohm Thermistors** or **Ceramic Capacitors**. --- ## 1. NTC Thermistors (N103) The most common use of "N103" is in **Negative Temperature Coefficient (NTC)** thermistors. In these components, the resistance decreases as the temperature increases. ### Specifications | Feature | Typical Value | Description | | :--- | :--- | :--- | | **Nominal Resistance** | 10,000 Ω (10k) | Resistance measured at 25°C. | | **Code Breakdown** | 10 + 3 zeros | "10" (base) and "3" (multiplier $10^3$). | | **B-Constant** | 3435K to 3950K | Defines the sensitivity curve of the sensor. | | **Applications** | Temp Sensing | Used in 3D printers, battery packs, and AC units. | --- ## 2. Ceramic Capacitors (103N) While usually written as "103," the "N" may refer to a specific tolerance or dielectric type in capacitor labeling. ### Decoding the Value * **Digits 1 & 2:** Significant figures (10). * **Digit 3:** Multiplier (3 zeros). * **Result:** 10,000 pF (Picofarads). * **Conversion:** 10nF (Nanofarads) or 0.01µF (Microfarads). --- ## 3. Integrated Circuits (IC) and Part Numbers "N103" can also appear as a suffix or prefix for specific semiconductor components. * **Logic Gates / Voltage Regulators:** Some manufacturers use N103 as a batch or variation code for small-signal transistors or voltage reference ICs. * **SMD Marking Codes:** On tiny SMT components, "N103" might be a shortened marking for a specific diode or MOSFET where space is limited. --- ## Summary of Usage | Component Type | Meaning of "103" | Common Form Factor | | :--- | :--- | :--- | | **Resistor / Thermistor** | 10,000 Ohms | Bead-type or 0603/0805 SMD | | **Capacitor** | 10 Nanofarads | Ceramic Disc or MLCC | | **Inductor** | 10 Millihenries | Power Inductor |
    ✨ Follow-up Questions
    • How do I test an N103 thermistor using a multimeter?
    • What is the difference between an NTC 103 and a PTC 103 component?
    • Can I use an N103 capacitor to replace a 0.01uF capacitor?