Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MV23V1CD-R

  • AI
    The **MV23V1CD-R** is a specific model of a **Miniature Vacuum Fluorescent Display (VFD)** module, typically manufactured by companies like Futaba or Samsung. These parts were common in high-end audio equipment, automotive dashboards, and industrial readouts due to their high contrast and brightness. --- ### 1. Key Technical Specifications The "CD-R" suffix often indicates a custom configuration for specific consumer electronics (like CD players). | Feature | Description | | :--- | :--- | | **Technology** | Vacuum Fluorescent Display (VFD) | | **Operating Voltage** | Typically 3.3V to 5V (Logic), 12V to 30V (Anode/Grid) | | **Filament Voltage** | AC or DC (usually low voltage, ~1.5V to 3V) | | **Color** | Blue-Green (Standard VFD Phosphor) | | **Interface** | Serial (SPI-like) or Parallel depending on the driver chip | --- ### 2. Internal Electronic Components A VFD module like the MV23V1CD-R consists of several integrated layers: * **The Filament (Cathode):** Fine tungsten wires coated with alkaline earth metal oxides. When heated, they emit electrons. * **The Grids:** Thin metal meshes that control which sections of the display are active by pulling or repelling electrons. * **The Anodes (Segments):** Phosphor-coated plates shaped into numbers or symbols. When electrons strike the phosphor, it glows. * **Integrated Driver (IC):** Most modern modules include a surface-mount IC on the back (often a PT6312 or similar) that handles the multiplexing and logic, allowing you to control the display with fewer pins. --- ### 3. Pinout and Connectivity While exact pinouts vary by manufacturer, a standard VFD module of this series usually requires: 1. **VCC/GND:** Power for the logic controller. 2. **F1/F2 (Filament):** Power to heat the cathode. 3. **Vp/Vee:** High voltage supply (negative or positive depending on driver) to pull electrons to the phosphors. 4. **DIN/DOUT/CLK/CS:** Serial interface pins for sending data to the display. --- ### 4. Common Use Cases * **Vintage Audio Repair:** Replacing burnt-out displays in 1990s-era CD players or receivers. * **DIY Projects:** Used by hobbyists with Arduinos or ESP32s to create "retro-future" clocks. * **Industrial Panels:** Status indicators where high visibility in low light is required. --- ### 5. Common Failure Points * **Filament Breakage:** If the display is dropped, the fragile tungsten wires may snap. * **Phosphor Depletion:** Over years of "always-on" use, the segments will dim (burn-in). * **Capacitor Failure:** On the driving PCB, electrolytic capacitors often leak, causing flickering.
    ✨ Follow-up Questions
    • ⤷ How do I test the filament of a VFD with a multimeter?
    • ⤷ What is the typical voltage required for the Anode/Grid supply?
    • ⤷ Can I use an Arduino to control the MV23V1CD-R?