MU9C8328A-RDC
AI

## Technical Overview of MU9C8328A-RDC
The **MU9C8328A-RDC** is a specialized integrated circuit (IC) primarily categorized as a **CAM (Content Addressable Memory)**. It was manufactured by Music Semiconductors (now obsolete or acquired). This specific part is designed for high-speed table lookups in networking applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Content Addressable Memory (CAM) |
| **Capacity** | 8K x 32 bits (Typically) |
| **Package Type** | LQFP (Low-profile Quad Flat Pack) |
| **Operating Voltage** | 3.3V / 5V (Depends on specific sub-version) |
| **Access Time** | High-speed (Nanosecond range) |
| **Architecture** | Ternary or Binary (Application specific) |
---
### 2. Functional Description
Unlike standard RAM, where the user provides an address and the memory returns data, the **MU9C8328A-RDC** works in reverse:
* **Search Input:** You provide a data word (a search key).
* **Search Output:** The IC searches its entire memory simultaneously and returns the address where that data is stored.
* **Performance:** It is designed for "single-cycle" lookups, making it significantly faster than software-based searching algorithms.
### 3. Application Areas
This part is typically found in legacy telecommunications and networking hardware:
1. **Ethernet Switches:** For MAC address table lookups.
2. **IP Routers:** For Longest Prefix Matching (LPM) in routing tables.
3. **Firewalls:** For high-speed packet filtering based on Access Control Lists (ACLs).
---
### 4. Hardware Pinout Categories
The MU9C8328A-RDC generally features the following pin groups:
* **Data Bus (DQ):** Used to load search keys and retrieve results.
* **Address Bus:** Used for direct memory management during initialization.
* **Control Pins:** Includes `WE` (Write Enable), `OE` (Output Enable), and `STR` (Search Strobe).
* **Match Flags:** Output pins that signal whether a search was successful (Hit/Miss).
---
### 5. Lifecycle Status
**Warning:** This part is considered **End of Life (EOL)**.
* **Procurement:** It is usually only available through secondary market distributors or "New Old Stock" (NOS) suppliers.
* **Replacement:** Modern designs typically use FPGAs with integrated Block RAM (BRAM) or specialized TCAM IPs to replace these discrete chips.
---
- ⤷
What are the modern alternatives to discrete CAM chips like the MU9C8328A?
- ⤷ Can this IC be used for pattern matching in non-networking applications?
- ⤷ How does the power consumption of this CAM compare to standard SRAM?