Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MTXO2HFBD

  • AI
    The **MTXO2HFBD** refers to a high-performance **Oven Controlled Crystal Oscillator (OCXO)** or a specialized **Temperature Compensated Crystal Oscillator (TCXO)**, typically manufactured by companies like *Microchip (Vectron)* or specialized frequency control vendors. This specific part belongs to a class of high-stability timing components used in telecommunications and aerospace. --- ## 1. Core Technical Specifications The part number breakdown usually indicates specific electrical characteristics. Below is a generalized breakdown of the electronic parameters for this series: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Nominal Frequency** | 10 MHz - 100 MHz (Common) | The base oscillating frequency. | | **Supply Voltage** | 3.3V or 5.0V DC | Standard logic level power input. | | **Output Type** | CMOS / Sine Wave | The shape of the electrical signal produced. | | **Frequency Stability** | ±0.1 ppm to ±2 ppm | Variance over the operating temperature range. | | **Operating Temp** | -40°C to +85°C | Industrial grade thermal range. | | **Package Style** | SMD (Surface Mount) | Usually a hermetically sealed metal or ceramic package. | --- ## 2. Key Electronic Components Inside An oscillator of this grade is not just a crystal; it is a complex circuit integrated into a single package: ### A. The Quartz Crystal (Resonator) * **Cut Type:** Usually an **AT-cut** or **SC-cut** (Stress Compensated) quartz blank. SC-cut crystals are preferred for high-end oscillators because they are less sensitive to mechanical shock and thermal gradients. * **Function:** Provides the mechanical resonance that determines the frequency. ### B. Compensation/Heating Circuitry * **Thermistor:** A temperature sensor that monitors the internal environment. * **Varactor Diode:** Used to "pull" the frequency. By changing the voltage across this diode, the capacitance changes, allowing the circuit to micro-adjust the crystal's frequency to counteract temperature drifts. * **Heater (If OCXO):** A resistive heating element that keeps the crystal at a constant "turn-over" temperature (e.g., exactly 75°C) regardless of outside weather. ### C. Buffer Amplifier * **Function:** Isolates the delicate oscillation stage from the external load. This prevents the "loading effect" from shifting the frequency when the part is connected to other chips. --- ## 3. Typical Pin Configuration Most parts in the MTXO/TCXO series follow a standard 4 or 6-pin footprint: 1. **VC (Voltage Control):** Allows external tuning of the frequency (optional). 2. **GND:** Ground. 3. **Output:** The RF/Clock signal. 4. **Vcc:** Positive DC supply voltage. 5. **E/D (Enable/Disable):** Logic pin to turn the output on or off. --- ## 4. Applications The **MTXO2HFBD** is designed for environments where "standard" crystals are too unstable: * **Base Stations (5G/LTE):** Maintaining precise timing for bit synchronization. * **GPS Receivers:** Providing a stable local reference to lock onto satellite signals. * **Test & Measurement:** Internal clocking for oscilloscopes and frequency counters. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO and a TCXO in terms of power consumption?
    • ⤷ How does an SC-cut crystal improve stability compared to an AT-cut?
    • ⤷ What are the common causes of frequency 'drift' in these components over time?