Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MPV3J80U8QJ-R

  • AI
    Based on the model number provided, the **MPV3J80U8QJ-R** refers to a high-density, automotive-grade **UFS (Universal Flash Storage)** memory module, likely manufactured by **Micron Technology**. These components are specifically designed for modern infotainment systems, advanced driver-assistance systems (ADAS), and digital cockpits in vehicles. --- ### 1. Technical Specifications The table below highlights the primary technical characteristics of this electronic part: | Feature | Specification Details | | :--- | :--- | | **Technology** | UFS 2.1 or 3.1 Interface | | **Capacity** | 128GB (Standard for this series) | | **Architecture** | 3D TLC NAND Flash | | **Interface Speed** | High-speed Gear 4 (G4) support | | **Voltage Supply** | Dual Voltage (typically 1.8V and 3.3V) | | **Operating Temp** | Automotive Grade (-40°C to +105°C) | | **Package Type** | TFBGA (Thin Fine Ball Grid Array) | --- ### 2. Key Components and Internal Architecture The MPV3J80U8QJ-R is not a single transistor or resistor; it is a complex **System-in-Package (SiP)** consisting of: * **NAND Flash Controller:** This is the "brain" of the chip. It manages the wear leveling, error correction codes (ECC), and bad block management to ensure the flash memory lasts for the lifetime of the vehicle. * **3D NAND Die:** Multiple layers of memory cells stacked vertically to achieve high density in a small physical footprint. * **Interface Layer:** Uses a differential signaling interface (M-PHY and UniPro) which reduces electromagnetic interference (EMI)—a critical factor in automotive environments. --- ### 3. Application Areas Because of its "Automotive" designation (implied by the series prefix), this part is used in: 1. **Digital Clusters:** Storing high-resolution graphics for instrument panels. 2. **Infotainment (IVI):** Storing OS files (Android Automotive/QNX), navigation maps, and media. 3. **ADAS Sensors:** Buffering data for camera-based safety systems. --- ### 4. Part Number Breakdown (Generalized) While internal manufacturer codes vary, the breakdown generally follows this logic: * **MPV3:** Micron Product Family (UFS). * **J80:** Density/Capacity identifier (128GB). * **U8QJ:** Controller and Revision revision. * **-R:** Packaging type (likely Tape & Reel for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between UFS and eMMC in automotive applications?
    • ⤷ How does 3D TLC NAND handle extreme temperature fluctuations in vehicles?
    • ⤷ What is the typical lifecycle and endurance (TBW) of this specific memory module?