MPV3J10B8PJ-R
AI

The **MPV3J10B8PJ-R** refers to a high-precision, automotive-grade thick film chip resistor, typically manufactured by vendors like **ASJ** (a subsidiary of ASJ Holdings) or similar precision component specialists. These resistors are specifically designed for high-reliability environments.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics. Below is a breakdown of the typical specifications for this series:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 10 $\Omega$ (indicated by "10") |
| **Tolerance** | $\pm$ 5% (J grade) |
| **Power Rating** | 0.1W to 0.25W (Series dependent) |
| **Package Size** | 0603 or 0805 (Metric 1608/2012) |
| **Operating Temperature** | -55°C to +155°C |
| **Compliance** | AEC-Q200 (Automotive Grade) |
---
### 2. Component Composition
This electronic part is a **Thick Film Resistor**. Its physical construction consists of:
* **Substrate:** High-purity Alumina (ceramic) for heat dissipation.
* **Resistive Layer:** A metal-glaze paste fired onto the substrate.
* **Terminations:** Three-layer plating (usually Silver/Nickel/Tin) to ensure excellent solderability and prevent leaching.
* **Protection:** An epoxy overcoat to shield the resistive element from moisture and chemical contaminants.
---
### 3. Key Features
The **MPV** series is distinct due to its specialized performance markers:
* **Anti-Sulfurated:** The "V" in the series often denotes anti-sulfuration properties, meaning the inner silver electrodes are protected against sulfur gas (common in industrial and automotive exhaust environments) to prevent "open circuit" failures.
* **AEC-Q200 Qualified:** It has undergone rigorous stress testing (thermal shock, humidity, and mechanical vibration) required for automotive safety systems.
* **High Stability:** Designed to maintain a low drift in resistance even under high-load conditions.
---
### 4. Typical Applications
Due to its robust construction, this part is commonly found in:
1. **Automotive ECUs:** Engine control units and powertrain sensors.
2. **BMS (Battery Management Systems):** Current sensing and voltage balancing in EVs.
3. **Industrial Controls:** Power supplies and motor drivers where sulfur contamination might occur.
4. **Telecommunications:** Base station power modules.
---
- ⤷
What is the exact package size code for the '3J' designation in this part number?
- ⤷ How does the anti-sulfur coating protect the resistor compared to standard thick film resistors?
- ⤷ What are the recommended soldering profiles for this specific automotive-grade component?