Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MPV320R8QJ-R

  • AI
    The **MPV320R8QJ-R** is a specialized precision resistor, typically part of a high-power or high-voltage shunt series. These components are designed for applications requiring high stability and low resistance values, often used in current sensing or power management. ### 1. Key Technical Specifications Based on the standard nomenclature for this series of precision resistors, the following specifications apply: | Parameter | Value / Description | | :--- | :--- | | **Resistance Value** | 0.8 Ohms (denoted by `R8`) | | **Tolerance** | ±5% (denoted by `J`) | | **Power Rating** | High-wattage (typically 10W - 30W depending on heatsinking) | | **Mounting Type** | Through-hole (TO-220 or similar power package) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Physical Construction The "MPV" series usually refers to **Power Film Resistors** or **Molded Precision Resistors**. * **Internal Core:** High-grade ceramic substrate with a metal film or metal oxide resistive layer. * **Encapsulation:** Molded epoxy or silicone resin providing excellent environmental protection and dielectric strength. * **Lead Material:** Tinned copper leads designed for low thermal EMF and high current capacity. --- ### 3. Circuit Role and Applications The MPV320R8QJ-R is primarily used as a **Current Sense Resistor**. Its low resistance value allows current to pass through with minimal voltage drop, while the precision tolerance allows a microcontroller to measure the voltage across it to calculate current ($I = V/R$). **Common Applications include:** 1. **Switch Mode Power Supplies (SMPS):** Monitoring output current for overcurrent protection. 2. **Motor Control:** Feedback loops for DC motor speed and torque control. 3. **Battery Management Systems (BMS):** Measuring charge and discharge cycles in high-capacity battery packs. 4. **Audio Amplifiers:** Used in the output stages for stability and protection. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **MPV** | Series Identifier (Precision Power Resistor) | | **320** | Size/Power rating code (e.g., 20 Watts equivalent) | | **R8** | Resistance Value (0.8 $\Omega$) | | **QJ** | Tolerance Code (J = 5%) | | **-R** | RoHS Compliant (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for this resistor at full power?
    • ⤷ How does the temperature coefficient (TCR) affect its accuracy in current sensing?
    • ⤷ Are there surface-mount (SMD) equivalents for the MPV320 series?